Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A3T175 Datasheet(PDF) 2 Page - Mersen

Part # A3T175
Description  THESE SMALL DIMENSION FUSES ARE THE RIGHT FIT... FOR A TIGHT FIT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERSEN [Mersen]
Direct Link  https://www.mersen.com/en
Logo MERSEN - Mersen

A3T175 Datasheet(HTML) 2 Page - Mersen

  A3T175 Datasheet HTML 1Page - Mersen A3T175 Datasheet HTML 2Page - Mersen  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EP.MERSEN.COM
PF 33
UL/CSA LISTED
POWER FUSES
P
F
C ATAL OG NUMBERS (AMPS)
DIMENSIONS
Ampere Rating
A
B
C
D
E
F
G
in
mm
in
mm
in
mm
in
mm
in
mm
in
mm
in
mm
300V-A3T Fuses
1-30
.88
22.4
.41
10.3
-
-
-
-
-
-
-
-
-
-
31-60
.88
22.4
.56
14.1
-
-
-
-
-
-
-
-
-
-
61-100
2.16
54.9
.81
20.6
.12
3.2
.75
19.0
1.56
39.6
.28
7.1
.82
20.8
101-200
2.44
62.0
1.06
26.9
.19
4.8
.88
22.4
1.70
43.2
.34
8.6
.83
21.1
201-400
2.75
69.8
1.33
33.8
.25
6.4
1.00
25.4
1.84
46.7
.41
10.4
.84
21.3
401-600
3.06
77.7
1.62
41.1
.31
7.8
1.25
31.8
2.03
51.6
.48
12.2
.84
21.3
601-800
3.38
85.8
2.08
52.8
.38
9.7
1.75
44.4
2.22
56.4
.55
14.0
.88
22.4
801-1200
4.00
102
2.52
64.0
.44
11.2
2.00
50.8
2.53
64.3
.61
15.5
1.03
26.2
600V-A6T Fuses
1-30
1.50
38.1
.57
14.5
-
-
-
-
-
-
-
-
-
-
31-60
1.57
39.9
.81
20.6
1.51
38.4
1.00
25.4
-
-
-
-
-
-
61-100
2.95
75.0
.82
20.8
.12
3.2
.75
19.0
2.35
59.7
.28
7.1
1.58
40.1
101-200
3.26
82.8
1.07
27.2
.19
4.8
.88
22.4
2.51
63.7
.34
8.6
1.61
41.0
201-400
3.62
92.1
1.62
41.3
.25
6.4
1.00
25.4
2.72
69.1
.41
10.4
1.70
43.2
401-600
3.98
101.2
2.06
52.4
.31
7.9
1.25
31.8
2.95
75.0
.48
12.2
1.70
43.2
601-800
4.33
110.0
2.50
63.5
.37
9.5
1.75
44.4
3.17
80.5
.56
14.1
1.70
43.2
300V
600V
A3T1
A3T60
A3T300
A6T1
A6T60
A6T300
A3T3
A3T70
A3T350
A6T3
A6T70
A6T350
A3T6
A3T80
A3T400
A6T6
A6T80
A6T400
A3T10
A3T90
A3T450
A6T10
A6T90
A6T450
A3T15
A3T100
A3T500
A6T15
A6T100
A6T500
A3T20
A3T110
A3T600
A6T20
A6T110
A6T600
A3T25
A3T125
A3T700
A6T25
A6T125
A6T700
A3T30
A3T150
A3T800
A6T30
A6T150
A6T800
A3T35
A3T175
A3T1000
A6T35
A6T175
A3T40
A3T200
A3T1200
A6T40
A6T200
A3T45
A3T225
A6T45
A6T225
A3T50
A3T250
A6T50
A6T250
REC OMMENDED FUSE BL OCK S
WITH B O X C ONNECT ORS F OR
AMP-TRAP® CLA S S T FUSES
Ampere
Rating
Catalog Number
300V
600V
1-Pole
3-Pole
1-Pole
3-Pole
1-30
30306T
30308T
60306T
60308T
31-60
30606T
30608T
60606T
60608T
61-100
31001T
31003T
61031T
61033T
101-200
32031T
32033T
62031T
62033T
201-400
34031T
34033T
64031T
–
401-600
36031T
–
66031T
–
A variety of pole configurations and termination provisions are
available. Refer to Section FB for details.
A3T 1-60
A3T 61-1200
A6T 31-60
A6T 61-800
A6T 1-30
F
G
E
A
F
G
E
A
CLA S S T
A3T & A6T Fast Acting



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com