Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TN5015H-8G Datasheet(PDF) 9 Page - STMicroelectronics

Part # TN5015H-8G
Description  50 A 800 V high temperature SCR thyristors in D²PAK package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN5015H-8G Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TN5015H-8G Datasheet HTML 4Page - STMicroelectronics TN5015H-8G Datasheet HTML 5Page - STMicroelectronics TN5015H-8G Datasheet HTML 6Page - STMicroelectronics TN5015H-8G Datasheet HTML 7Page - STMicroelectronics TN5015H-8G Datasheet HTML 8Page - STMicroelectronics TN5015H-8G Datasheet HTML 9Page - STMicroelectronics TN5015H-8G Datasheet HTML 10Page - STMicroelectronics TN5015H-8G Datasheet HTML 11Page - STMicroelectronics TN5015H-8G Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Figure 15. D²PAK recommended footprint (dimensions are in mm)
16.90
10.30
3.70
5.08
1.30
8.90
Figure 16. D²PAK stencil definitions (dimensions are in mm)
TN5015H-8G
Package information
DS14482 - Rev 2
page 9/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com