Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SESSION-SMART-NETWORKING Datasheet(PDF) 3 Page - Juniper Networks, Inc.

Part # SESSION-SMART-NETWORKING
Description  SESSION SMART NETWORKING
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUNIPER [Juniper Networks, Inc.]
Direct Link  https://www.juniper.net/us/en.html
Logo JUNIPER - Juniper Networks, Inc.

SESSION-SMART-NETWORKING Datasheet(HTML) 3 Page - Juniper Networks, Inc.

  SESSION-SMART-NETWORKING Datasheet HTML 1Page - Juniper Networks, Inc. SESSION-SMART-NETWORKING Datasheet HTML 2Page - Juniper Networks, Inc. SESSION-SMART-NETWORKING Datasheet HTML 3Page - Juniper Networks, Inc. SESSION-SMART-NETWORKING Datasheet HTML 4Page - Juniper Networks, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Table 2: SSR appliances and suggested locations
Appliance
Suggested Location
Max Throughput (Unencrypted)
Relevant Datasheet
SSR120
Small branch
1.5 Gbps
SSR100 Line of Routers
SSR130
Medium branch
2 Gbps (line rate on ports)
SSR400
Small branch
SSR400 line of routers
SSR440
Medium branch
SSR1200
Large branch or small data center/campus
10 Gbps
SSR1000 Line of Routers
SSR1300
Medium data center/campus
20 Gbps (max. throughput on NIC)
SSR1400
Large data center/campus
40 Gbps
SSR1500
Extra-large data center/campus
50 Gbps (max. throughput on NIC)
The hardware datasheets provide standard specifications such as interface options, number of interfaces, encrypted throughput, and
memory and hard drive capacity.
Branch in a Box
The SSR400 line of routers offers a “Branch in a box” solution by
consolidating multiple branch functions—including Wi-Fi, switching,
SD-WAN, and security—into a single, unified, and easy-to-manage
platform. This approach simplifies operations by eliminating the
need to deploy and manage a complex array of separate devices
from various vendors. Our solution significantly reduces a branch's
physical footprint and lowers its total cost of ownership.
White box appliances and Juniper NFX Series
The SSR can run on certified white box platforms. More information
on certified white boxes can be found at SSR Certified Hardware
Documentation. For virtual network function (VNF)
‑based
deployments, the SSR can also run as a VNF using VirtIO and
SRIOV network virtualization technologies on the Juniper
Networks® NFX150, NFX250, and NFX350 Network Services
Platforms.
Public cloud providers
The SSR can run as an instance on Amazon Web Services (AWS)
and Microsoft Azure.
Platform options for the Session Smart Conductor
The Session Smart Conductor can run on certified white box
platforms or on all major public cloud providers, including AWS,
Google Cloud, and Azure.
Advanced Security Pack
Juniper SSR’s Advanced Security Pack (Figure 2) integrates further
security functionality into the routing fabric:
• URL filtering prevents access to and from specific sites and
meets special business requirements.
• An Intrusion Detection and Prevention System (IDS/IPS)
protects against advanced malicious attacks.
Session Smart Networking Datasheet
3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com