Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SESSION-SMART-NETWORKING Datasheet(PDF) 1 Page - Juniper Networks, Inc.

Part # SESSION-SMART-NETWORKING
Description  SESSION SMART NETWORKING
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUNIPER [Juniper Networks, Inc.]
Direct Link  https://www.juniper.net/us/en.html
Logo JUNIPER - Juniper Networks, Inc.

SESSION-SMART-NETWORKING Datasheet(HTML) 1 Page - Juniper Networks, Inc.

  SESSION-SMART-NETWORKING Datasheet HTML 1Page - Juniper Networks, Inc. SESSION-SMART-NETWORKING Datasheet HTML 2Page - Juniper Networks, Inc. SESSION-SMART-NETWORKING Datasheet HTML 3Page - Juniper Networks, Inc. SESSION-SMART-NETWORKING Datasheet HTML 4Page - Juniper Networks, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SESSION SMART NETWORKING
DATASHEET
Product description
The Juniper Networks® Session Smart™ Router (SSR) Series powers Juniper’s AI
‑native
SD
‑WAN solution. The software‑based solution utilizes a unique, tunnel‑free routing
protocol called Secure Vector Routing. This innovative networking solution improves
application performance, rapidly scales to thousands of sites, and secures users and data
with inherent Zero Trust access policies.
The Juniper SSR can be managed by either the Juniper Session Smart Conductor or the
Mist™ platform. Together, these platforms create a single logical control plane that is highly
distributed, and a data plane that is truly session aware. The SSR supports a wide range of
use cases, including SD
‑WAN, SD‑Branch, multicloud, and IoT, and can scale from a small
branch office to a high
‑capacity edge router to a hyper‑scale, software‑defined data center
(Figure 1).
Figure 1: Session Smart Router services, applications, and network domains
Session Smart Router
The SSR combines a service-centric control plane and a session-aware data plane to offer
IP routing, a robust policy management engine, improved visibility, and proactive analytics.
This architecture, built on a unique tunnel-free foundation, is designed to provide a more
efficient and agile service fabric for modern networks.
The SSR also provides native Zero Trust security that leverages hypersegmentation. It
includes several key security features:
• Service-centric, tenant-based security architecture: The unique design enables the
SSR to understand sessions and perform vital business operations, securing
connectivity based on user, application, and location.
• Zero Trust security: The SSR follows the principle of “deny-by-default,” which uses a
series of checkpoints to validate legitimate network traffic, assuming no user or device
can be trusted by default.
• Integrated next-generation firewall (NGFW) : The SSR provides Layer 3/Layer 4
network firewall functionality, integrated directly into the routing fabric.
Datasheet
1
Product overview
The Juniper Session Smart
Router (SSR) powers Juniper’s
AI-native SD-WAN solution that
is designed to provide users with
exceptional experiences. Built on
an application-aware and Zero
Trust secure network fabric, the
SSR meets the most stringent
enterprise performance,
security, and availability
requirements.
The SSR overcomes inherent
inefficiencies of conventional
solutions with a tunnel-free
architecture that enables
improved performance, fast
deployments, and cost savings.
The solution can run on
customer premises equipment
(CPE), data center network
servers, and in the cloud for
flexible deployments.


Similar Part No. - SESSION-SMART-NETWORKING

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
SES MSYSTEM-SES Datasheet
121Kb / 4P
Plug-in Signal Conditioners M-UNIT HIGH/LOW SELECTOR
logo
SOVICO corp.
SES-116 SOVICO-SES-116 Datasheet
1Mb / 1P
EMERGENCY SWITCHER
logo
M-System Co.,Ltd.
SES-160-B MSYSTEM-SES-160-B Datasheet
121Kb / 4P
Plug-in Signal Conditioners M-UNIT HIGH/LOW SELECTOR
SES-160-B/E MSYSTEM-SES-160-B/E Datasheet
121Kb / 4P
Plug-in Signal Conditioners M-UNIT HIGH/LOW SELECTOR
SES-160-B/E2 MSYSTEM-SES-160-B/E2 Datasheet
121Kb / 4P
Plug-in Signal Conditioners M-UNIT HIGH/LOW SELECTOR
More results

Similar Description - SESSION-SMART-NETWORKING

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS650-07C ICST-ICS650-07C Datasheet
73Kb / 5P
Networking Clock Source
Revision 101399
ICS448-16 ICST-ICS448-16 Datasheet
126Kb / 7P
Networking Clock Synthesizer
Revision 031605
ICS650-27 ICST-ICS650-27 Datasheet
156Kb / 6P
Networking Clock Source
Revision 070505
logo
Bud Industries, Inc.
UN-8080 BUD-UN-8080 Datasheet
120Kb / 1P
UNIVERSAL NETWORKING CABINET
logo
Tyco Electronics
TR600-150QF-EX-B-0.5 MACOM-TR600-150QF-EX-B-0.5 Datasheet
327Kb / 22P
Telecommunications & Networking Devices
logo
Pericom Semiconductor C...
PI6C49003 PERICOM-PI6C49003 Datasheet
289Kb / 12P
Networking Clock Generator
PI6C49004 PERICOM-PI6C49004 Datasheet
762Kb / 12P
Networking Clock Generator
logo
Abracon Corporation
ARJE-0051 ABRACON-ARJE-0051 Datasheet
1Mb / 4P
Networking equipment
09/26/2016
logo
Harris Corporation
RF-7850M-HH HARRIS-RF-7850M-HH Datasheet
188Kb / 2P
MULTIBAND NETWORKING HANDHELD
logo
NXP Semiconductors
S32G3 NXP-S32G3 Datasheet
1Mb / 131P
FlexRay networking with high data rate Ethernet networking
Rev. 2 - 02/2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com