Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KB3302 Datasheet(PDF) 13 Page - Kingbor Technology Co

Part # KB3302
Description  2Amp, 2MHz Step-up Switching regulator with Soft-Start
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBOR [Kingbor Technology Co]
Direct Link  http://www.kingbor.com
Logo KINGBOR - Kingbor Technology Co

KB3302 Datasheet(HTML) 13 Page - Kingbor Technology Co

Back Button KB3302 Datasheet HTML 9Page - Kingbor Technology Co KB3302 Datasheet HTML 10Page - Kingbor Technology Co KB3302 Datasheet HTML 11Page - Kingbor Technology Co KB3302 Datasheet HTML 12Page - Kingbor Technology Co KB3302 Datasheet HTML 13Page - Kingbor Technology Co KB3302 Datasheet HTML 14Page - Kingbor Technology Co KB3302 Datasheet HTML 15Page - Kingbor Technology Co KB3302 Datasheet HTML 16Page - Kingbor Technology Co KB3302 Datasheet HTML 17Page - Kingbor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
13
KB3302
Kingbor Technology Co.,Ltd
TEL:(86)0755-26508846 FAX:(86)0755-26509052
APPLICATIONS INFORMATION
frequency. However it reduces the phase margin. The
values of R
3
and C
4
can be determined empirically by
observing the inductor current and the output voltage
during load transient. Compensation is optimized when
the largest R
3
and the smallest C
4
without producing
ringing or excessive overshoot in its inductor current and
output voltage are found.
C
5
adds a feedforward zero to the loop response. In some
cases it improves the transient speed of the converter. C
6
rolls off the gain at high frequency. This helps to stabilize
the loop. C
5
and C
6
are often not needed.
Board Layout Considerations
In a step-up switching regulator, the output filter capacitor,
the main power switch and the rectifying diode carry
switched currents with high di/dt. For jitter-free operation,
the size of the loop formed by these components should
be minimized. Since the power switch is integrated inside
the KB3302, grounding the output filter capacitor next to
the KB3302 ground pin minimizes size of the high di/dt
current loop. The input bypass capacitors should also be
placed close to the input pins. Shortening the trace at the
SW node reduces the parasitic trace inductance. This not
only reduces EMI but also decreases the sizes of the
switching voltage spikes and glitches.
Figure 9 shows how various external components are placed
around the KB3302. The frequency-setting resistor should
be placed near the ROSC pin with a short ground trace
on the PC board. These precautions reduce switching
noise pickup at the ROSC pin.
To achieve a junction to ambient thermal resistance (
θ
JA
)
of 40°C/W, the exposed pad of the KB3302 should be
properly soldered to a large ground plane. Use only 12mil
diameter vias in the ground plane if necessary. Avoid using
larger vias under the device. Molten solder may seep
through large vias during reflow, resulting in poor adhesion,
poor thermal conductivity and low reliability.
Typical Application Circuits
Figure 10(a). 1.35 MHz All Ceramic Capacitor 5V to 12V Boost
Converter. Pinout Shown is for MSOP-8
C1
2.2
µF
5V
VIN
VOUT
KB3302
2
3
1
5
6
4
GND
SHDN
SS
IN
SW
FB
ROSC
COMP
8
7
ON
OFF
C3
10BQ015
R4
D1
L1
C2
10
µF
47nF
R2
20K
R1
174K
12V, 0.7A
C4
R3
C6
All Capacitors are Ceramic.
MSOP-8 Pinout
f / MHz R
3
/ K
Ω R
4
/ K
Ω C
4
/ pF
C
6
/ pF
L
1
/
µH
0.7
22.1
22.1
2200
-
10.5
(Falco D08019)
1.35
30.9
9.31
820
-
4.7
(Falco D08017)
2
63.4
4.75
470
22
3.3
(Coilcraft DO1813P)
Efficiency
50
55
60
65
70
75
80
85
90
95
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
Load Current (A)
VOUT = 12V
4.7
µH, 1.4MHz
10.5
µH, 700KHz
3.3
µH, 2MHz
VIN = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com