Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KB3302 Datasheet(PDF) 2 Page - Kingbor Technology Co

Part # KB3302
Description  2Amp, 2MHz Step-up Switching regulator with Soft-Start
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBOR [Kingbor Technology Co]
Direct Link  http://www.kingbor.com
Logo KINGBOR - Kingbor Technology Co

KB3302 Datasheet(HTML) 2 Page - Kingbor Technology Co

  KB3302 Datasheet HTML 1Page - Kingbor Technology Co KB3302 Datasheet HTML 2Page - Kingbor Technology Co KB3302 Datasheet HTML 3Page - Kingbor Technology Co KB3302 Datasheet HTML 4Page - Kingbor Technology Co KB3302 Datasheet HTML 5Page - Kingbor Technology Co KB3302 Datasheet HTML 6Page - Kingbor Technology Co KB3302 Datasheet HTML 7Page - Kingbor Technology Co KB3302 Datasheet HTML 8Page - Kingbor Technology Co KB3302 Datasheet HTML 9Page - Kingbor Technology Co Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
Input Supply Voltage .................................. – 0.3V to 18V
SHDN, V FB Voltages .................................. – 0.3V to 5V
SW Voltage ................................................ – 0.3V to 32V
(Note 1)
Peak SW Sink and Source Current ........................ 2A
Operating Temperature Range (Note 2) .. – 40
°C to 85°C
Junction Temperature (Note 3) ............................ 125
°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
KB3302
Kingbor Technology Co.,Ltd
TEL:(86)0755-26508846 FAX:(86)0755-26509052
ABSOLUTE MAXIMUM RATINGS
PACkAGE/ORDER INFORMATION
ELECTRICAL CHARACTERISTICS
DD PACKAGE
10-LEAD (3mm
× 3mm) PLASTIC DFN
EXPOSED PAD IS PGND (PIN 11)
MUST BE CONNECTED TO GND
ORDER PART
NUMBER
DD PART MARKING
TJMAX = 125
°C, θJA = 45°C/W, θJC = 10°C/W
KB3302DD
TOP VIEW
10
GND
9
6
7
8
4
5
3
2
1
SS
ROSC
VIN
SW
SW
COMP
FB
SHDN
GND
GND
TJMAX = 125°C, θJA = 45°C/W, θJC = 10°C/W
TOP VIEW
8-LEAD PLASTIC MSOP
EXPOSED PAD IS PGND
MUST BE CONNECTED TO GND
1
2
3
4
SS
COMP
5
6
7
8
ROSC
FB
VIN
SHDN
SW
GND
ORDER PART
NUMBER
EMS PART MARKING
KB3302EMS
Parameter
Test Conditions
Min
Typ
Max
Unit
Undervoltage Lockout Threshold
1.3
1.4
V
Maximum Operating Voltage
16
V
Feedback Voltage
T
A = 25°C
1.224
1.242
1.260
V
-40°C < T
A < 85°C
1.217
1.267
V
Feedback Voltage Line
Regulation
1.5V < V
IN < 16V
0.01
%
FB Pin Bias Current
40
80
nA
Error Amplifier Transconductance
60
µΩ−1
Error Amplifier Open-Loop Gain
49
dB
COMP Source Current
V
FB = 1.1V
5
µA
COMP Sink Current
V
FB = 1.4V
5
µA
V
IN Quiescent Supply Current
V
SHDN = 1.5V, VCOMP = 0 ( Not Switching )
1.1
1.6
mA
V
IN Supply Current in Shutdown
V
SHDN = 0
10
18
µA
Switching Frequency
1.3
1.5
1.7
MHz
Maximum Duty Cycle
85
90
%
Minimum Duty Cycle
0%
Switch Current Limit
2
2.8
A
Switch Saturation Voltage
I
SW = 2A
220
350
mV
Unless specified: V
IN
= 2V, SHDN = 1.5V, R
OSC = 7.68kΩ, -40°C < TA = TJ < 85°C
GND
2500 Units on Tape and Reel
3000 Units on Tape and Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com