Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

301201 Datasheet(PDF) 5 Page - TE Connectivity Ltd

Part # 301201
Description  STRATO-THERM* Terminals
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

301201 Datasheet(HTML) 5 Page - TE Connectivity Ltd

  301201 Datasheet HTML 1Page - TE Connectivity Ltd 301201 Datasheet HTML 2Page - TE Connectivity Ltd 301201 Datasheet HTML 3Page - TE Connectivity Ltd 301201 Datasheet HTML 4Page - TE Connectivity Ltd 301201 Datasheet HTML 5Page - TE Connectivity Ltd 301201 Datasheet HTML 6Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
408-1535
5 of 6
Rev S
Figure 7
If the crimping chamber conforms to the gage
inspection, the tool is considered dimensionally
correct, and should be lubricated with a THIN coat of
any good SAE 20 motor oil. If not, the tool must be
returned for further evaluation and repair. Refer to
Section 6, REPLACEMENT AND REPAIR.
For additional information regarding the use of a plug
gage, refer to Instruction Sheet 408-7424.
5.5. Ratchet Inspection
The ratchet feature on the hand tools should be
checked to ensure that the ratchet does not release
prematurely, allowing the jaws to open before they
have fully bottomed. Obtain a .025 mm [.001 in.] shim
that is suitable for checking the clearance between the
bottoming surfaces of the crimping jaws. Proceed as
follows:
1. Select the maximum size wire for the tool and a
terminal or splice.
2. Position the terminal or splice and wire between
the crimping jaws as described in Section 3.
3. Hold wire in place and squeeze tool handles until
the ratchet releases. Hold the handles in this
position, maintaining just enough tension to keep
the jaws closed.
Figure 8
HAND
TOOL
GAGE ELEMENT DIMENSIONS
GO
NO-GO
“R”
(Radius)
46673
46673-1
1.499-1.506
[.0590-.0593]
1.648-1.651
[.0649-.0650]
1.57
[.062]
46988
1.702-1.709
[.0670-.0673]
1.851-1.854
[.0729-.0730]
HAND
TOOL
GAGE ELEMENT DIMENSIONS
GO
NO-GO
“W” (Width)
(Max)
46673
46673-1
0.762-0.770
[.0300-.0303]
1.267-1.270
[.0499-.0500]
3.05
[.120]
46988
1.016-1.024
[.0400-.0403]
1.521-1.524
[.0599-.0600]
GO
Dim.
NO-GO
Dim.
12.7 [.50]
Min. Typ
50.8 [2.00]
Min. Typ
“W”
“W”
GO
Dim.
NO- GO
Dim.
6.35 [.250]
Min. Typ
Inspection of Wire
Barrel Section of
Crimping Chamber
Inspection of Insulation
Barrel Section of
Crimping Chamber
Jaws Bottomed But
Not Under Pressure
GO Element Must Pass Completely
Through Crimping Chamber
NO-GO Element May Start Entry, But Must Not
Pass Completely Through Crimping Chamber



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com