Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

301201 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # 301201
Description  STRATO-THERM* Terminals
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

301201 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  301201 Datasheet HTML 1Page - TE Connectivity Ltd 301201 Datasheet HTML 2Page - TE Connectivity Ltd 301201 Datasheet HTML 3Page - TE Connectivity Ltd 301201 Datasheet HTML 4Page - TE Connectivity Ltd 301201 Datasheet HTML 5Page - TE Connectivity Ltd 301201 Datasheet HTML 6Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
©2013 Tyco Electronics Corporation, a TE Connectivity Ltd. Company
All Rights Reserved
*Trademark
TE Connectivity, TE connectivity (logo), and TE (logo) are trademarks. Other logos, product and/or Company names may be trademarks of their respective owners.
1 of 6
Instruction Sheet
TOOLING ASSISTANCE CENTER 1-800-722-1111
PRODUCT INFORMATION 1-800-522-6752
This controlled document is subject to change.
For latest revision and Regional Customer Service,
visit our website at www.te.com
LOC B
Hand Crimping Tools 46673,
46673-1, and 46988 for
STRATO-THERM* Terminals
408-1535
22 AUG 13 Rev S
PROPER USE GUIDELINES
Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools. Hand tools are intended for occasional use
and low volume applications. A wide selection of powered application equipment for extended-use, production operations is available.
Figure 1
1. INTRODUCTION
Hand Crimping Tools 46673, 46673-1, and 46988 for
STRATO-THERM Terminals are used to crimp high-
temperature and heat-resistant STRATO-THERM
terminals and splices onto wire sizes 22 through 14
AWG.
All dimensions on this document are in metric units
[with U.S. customary units in brackets]. Figures and
illustrations are for identification only and are not
drawn to scale.
Reasons for reissue of this instruction sheet are
provided in Section 7, REVISION SUMMARY.
2. DESCRIPTION
Each hand tool features an indenter crimping jaw, an
anvil crimping jaw, locator, two insulation crimping
adjustment pins, and a CERTI-CRIMP hand tool
ratchet. The hand tool has the wire size marked on the
BACK side of the tool. The locator positions the
terminal or splice between the crimping jaws. The
insulation crimping adjustment pins are used to
regulate the crimp height of the insulation barrel
sleeve.
The hand tool ratchet assures full crimping of the
terminal. Once engaged, the ratchet will not release
until the tool handles have been FULLY closed. See
Figure 1.
The crimping jaws bottom before the
CERTI-CRIMP hand tool ratchet releases. This
design feature ensures maximum electrical and
tensile performance of the crimp. Do NOT re-adjust
the ratchet.
3. CRIMPING PROCEDURE
1. Strip wire using the recommended strip-length
dimensions provided in Figure 2.
Back Side of Tool
Wire Size Marking
Indenter Crimping Jaw
Anvil
Crimping Jaw
Locator
Insulation Crimping
Adjustment Pins
CERTI-CRIMP* Hand
Tool Ratchet
NOTE
i
NOTE
i


Similar Part No. - 301201

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
301201 MACOM-301201 Datasheet
237Kb / 9P
Reasons for reissue are provided in Section 8, REVISION SUMMARY.
301201 MACOM-301201 Datasheet
205Kb / 6P
Reasons for reissue are provided in Section 8, REVISION SUMMARY.
logo
TE Connectivity Ltd
301201 TEC-301201 Datasheet
657Kb / 10P
Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
301201 TEC-301201 Datasheet
640Kb / 7P
Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
logo
Tyco Electronics
301201 MACOM-301201 Datasheet
187Kb / 7P
Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
More results

Similar Description - 301201

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
50845-1 MACOM-50845-1 Datasheet
28Kb / 1P
WIRE TERMINAL PIDG-STRATO-THERM-RING TONGUE WIRE SIZE: 12-10
576782 MACOM-576782 Datasheet
326Kb / 7P
PIDG STRATO-THERM Terminal Crimping Tools
5767154-3 MACOM-5767154-3 Datasheet
326Kb / 7P
PIDG STRATO-THERM Terminal Crimping Tools
323063 MACOM-323063 Datasheet
91Kb / 1P
TERMINAL, RING TONGUE, HEAT RESISTANT, STRATO-THERM
logo
Analog Intergrations Co...
50838 AIC-50838 Datasheet
369Kb / 24P
STRATO-THERM Terminals & Splices for High Temperature Applications
logo
Tyco Electronics
1577623-1 MACOM-1577623-1 Datasheet
90Kb / 1P
TERMINAL, PEEK PIDG STRATO, 20 AWG
logo
List of Unclassifed Man...
RSLD035-4A ETC2-RSLD035-4A Datasheet
1Mb / 5P
STRATO LED Drivers 35W, Single output
logo
TE Connectivity Ltd
408-9736 TEC-408-9736 Datasheet
225Kb / 4P
STRATO-THERM Die Head Assembly
408-10228 TEC-408-10228 Datasheet
315Kb / 5P
This instruction sheet provides application instructions, maintenance, and inspection procedures for PIDG STRATO-THERM
logo
Schneider Electric
LR3D380 SCHNEIDER-LR3D380 Datasheet
140Kb / 3P
TeSys Deca non-differential therm overload relay 62-80A class10A EverLink
May 30, 2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com