Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMTY5.0A Datasheet(PDF) 1 Page - STMicroelectronics

Part # SMTY5.0A
Description  Low forward voltage TVS: Transky?
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMTY5.0A Datasheet(HTML) 1 Page - STMicroelectronics

  SMTY5.0A Datasheet HTML 1Page - STMicroelectronics SMTY5.0A Datasheet HTML 2Page - STMicroelectronics SMTY5.0A Datasheet HTML 3Page - STMicroelectronics SMTY5.0A Datasheet HTML 4Page - STMicroelectronics SMTY5.0A Datasheet HTML 5Page - STMicroelectronics SMTY5.0A Datasheet HTML 6Page - STMicroelectronics SMTY5.0A Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
April 2006
Rev 1
1/7
7
SMTYxxA
Low forward voltage TVS: Transky™
Main applications
■ Power rail ESD transient over-voltages and
reverse voltages protection for 5 and 12 V
supplied IC’s
Description
The Transky is designed specifically for
miniaturized electronic devices and equipment
subject to ESD transient over-voltages. The
Transky combines the performance of a Transil™
or TVS (Transient Voltage Suppressor) and low
forward voltage Schottky diode in a monolithic
structure.
It offers both an overshoot protection in the 6.4 V
or 13.2 V clamping ranges and a negative spike
protection in the -0.48 V clamping range
compared to the -1 V with the standard Transil
family on the 5 or 12 V power line.
Its 600 W power capability offers high transient
capability with SMA package.
Features
■ Integration of a Transil with a Schottky diode
■ JEDEC registred SMA package outline
■ Low clamping factor VCL/VBR
■ Fast response time
■ RoHS compliant
Benefits
■ Optimized PCB area: up to 62% space saving
versus discrete solution
■ High peak pulse power: up to 600 W
■ Stand-off voltage:
5 V for SMTY5.0A
12 V for SMTY12A
■ Low forward voltage: 0.48 V @ 1 A
■ Very low leakage current:
10 µA @ 5 V for SMTY5.0A
20 µA @12 V for SMTY12A
Order code
Complies with following standard
Part number
Marking
SMTY5.0A
Y5.0
SMTY12A
Y12
IEC 61000-4-2 Level 4
Air discharge 15 kV
Contact discharge 8 kV
K
A
SMA
(JEDEC DO-214AC)
K
A
K
A
www.st.com


Similar Part No. - SMTY5.0A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMTY18AM STMICROELECTRONICS-SMTY18AM Datasheet
61Kb / 6P
LOW FORWARD VOLTAGE TVS: Transky
13-Sep-2004
SMTYF STMICROELECTRONICS-SMTYF Datasheet
95Kb / 8P
Low forward voltage TVS Transky?
04-Sep-2008
SMTYF12A STMICROELECTRONICS-SMTYF12A Datasheet
95Kb / 8P
Low forward voltage TVS Transky?
04-Sep-2008
SMTYF5.0A STMICROELECTRONICS-SMTYF5.0A Datasheet
95Kb / 8P
Low forward voltage TVS Transky?
04-Sep-2008
More results

Similar Description - SMTY5.0A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMTY18AM STMICROELECTRONICS-SMTY18AM Datasheet
61Kb / 6P
LOW FORWARD VOLTAGE TVS: Transky
13-Sep-2004
logo
Bruckewell Technology L...
SOTY12D BWTECH-SOTY12D Datasheet
1Mb / 5P
Ultra Low forward voltage TVS
SOTYXXD BWTECH-SOTYXXD Datasheet
543Kb / 4P
Ultra Low forward voltage TVS
logo
Mospec Semiconductor
S08A150 MOSPEC-S08A150 Datasheet
186Kb / 2P
Low Forward Voltage
SR220 MOSPEC-SR220 Datasheet
174Kb / 2P
Low Forward Voltage
logo
Everlight Electronics C...
HIR89-01C-1R EVERLIGHT-HIR89-01C-1R_15 Datasheet
352Kb / 9P
Low forward voltage
logo
Nanjing International G...
BAT54W1 DGNJDZ-BAT54W1 Datasheet
105Kb / 3P
Low forward voltage
logo
Sangdest Microelectroni...
SK32AF SMC-SK32AF Datasheet
196Kb / 5P
Low Forward Voltage
logo
STMicroelectronics
SMTYF STMICROELECTRONICS-SMTYF Datasheet
95Kb / 8P
Low forward voltage TVS Transky?
04-Sep-2008
logo
SHIKUES Electronics
1SS387 SKTECHNOLGY-1SS387 Datasheet
1Mb / 3P
Low forward voltage
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com