Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMTYF Datasheet (PDF) - STMicroelectronics

SMTYF Datasheet PDF - STMicroelectronics
Part # SMTYF
Download  SMTYF Download
File Size   95.49 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low forward voltage TVS Transky?

SMTYF Datasheet (PDF)

Go To PDF Page Download Datasheet
SMTYF Datasheet PDF - STMicroelectronics

Part # SMTYF
Download  SMTYF Click to download

File Size   95.49 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low forward voltage TVS Transky?

SMTYF Datasheet (HTML) - STMicroelectronics


SMTYF Product details

Description
The Transky is designed specifically for portable equipment and miniaturized electronic devices subject to ESD transient overvoltages. The Transky combines the performance of a Transil™ or TVS (transient voltage supressor) and low forward voltage Schottky diode in a monolithic structure. TM: Transky is a trademark of STMicroelectronics. TM: Transil is a trademark of STMicroelectronics. K A Unidirectional SMAflat K A

Features
■ High peak pulse power: – 600 W (10/1000 µs) – 4000 W (8/20 µs)
■ Stand-off voltage 5 or 12 V
■ Low forward voltage: 0.48 V @ 0.85 A @ 25 °C
■ Low clamping factor VCL/VBR
■ Fast response time
■ Very thin package (1.0 mm overall component height)
■ ECOPACK2® halogen-free package Complies with the following standards:
■ IEC 61000-4-2 level 4: – 15 kV (air discharge) – 8 kV (contact discharge)
■ MIL STD 883E- Method 3015-7: class 3C – Human body model




Similar Part No. - SMTYF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMTY12A STMICROELECTRONICS-SMTY12A Datasheet
123Kb / 7P
Low forward voltage TVS: Transky?
24-Apr-2006
SMTY18AM STMICROELECTRONICS-SMTY18AM Datasheet
61Kb / 6P
LOW FORWARD VOLTAGE TVS: Transky
13-Sep-2004
SMTY5.0A STMICROELECTRONICS-SMTY5.0A Datasheet
123Kb / 7P
Low forward voltage TVS: Transky?
24-Apr-2006
SMTYXXA STMICROELECTRONICS-SMTYXXA Datasheet
123Kb / 7P
Low forward voltage TVS: Transky?
24-Apr-2006
More results


Similar Description - SMTYF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMTY18AM STMICROELECTRONICS-SMTY18AM Datasheet
61Kb / 6P
LOW FORWARD VOLTAGE TVS: Transky
13-Sep-2004
SMTYXXA STMICROELECTRONICS-SMTYXXA Datasheet
123Kb / 7P
Low forward voltage TVS: Transky?
24-Apr-2006
logo
Bruckewell Technology L...
SOTY12D BWTECH-SOTY12D Datasheet
1Mb / 5P
Ultra Low forward voltage TVS
SOTYXXD BWTECH-SOTYXXD Datasheet
543Kb / 4P
Ultra Low forward voltage TVS
logo
Mospec Semiconductor
S08A150 MOSPEC-S08A150 Datasheet
186Kb / 2P
Low Forward Voltage
SR220 MOSPEC-SR220 Datasheet
174Kb / 2P
Low Forward Voltage
logo
Everlight Electronics C...
HIR89-01C-1R EVERLIGHT-HIR89-01C-1R_15 Datasheet
352Kb / 9P
Low forward voltage
logo
Nanjing International G...
BAT54W1 DGNJDZ-BAT54W1 Datasheet
105Kb / 3P
Low forward voltage
logo
Sangdest Microelectroni...
SK32AF SMC-SK32AF Datasheet
196Kb / 5P
Low Forward Voltage
logo
SHIKUES Electronics
1SS387 SKTECHNOLGY-1SS387 Datasheet
1Mb / 3P
Low forward voltage
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com