Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMTYF Datasheet(PDF) 2 Page - STMicroelectronics

Part # SMTYF
Description  Low forward voltage TVS Transky?
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMTYF Datasheet(HTML) 2 Page - STMicroelectronics

  SMTYF Datasheet HTML 1Page - STMicroelectronics SMTYF Datasheet HTML 2Page - STMicroelectronics SMTYF Datasheet HTML 3Page - STMicroelectronics SMTYF Datasheet HTML 4Page - STMicroelectronics SMTYF Datasheet HTML 5Page - STMicroelectronics SMTYF Datasheet HTML 6Page - STMicroelectronics SMTYF Datasheet HTML 7Page - STMicroelectronics SMTYF Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Characteristics
SMTYF
2/8
1
Characteristics
Table 1.
Absolute ratings (limiting values at 25 °C, unless otherwise specified)
Symbol
Parameter
Value
Unit
VPP
IEC 61000-4-2 standard
Air discharge
Contact discharge
15
8
kV
PPP
Peak pulse power dissipation(1)
Tj initial = Tamb
600
W
IFSM
Non repetitive surge peak forward current
tp = 10 ms
Tj = Tinitial = Tamb
25
A
Tstg
Storage temperature range
-65 to +175
°C
Tj
Operating junction temperature range
-40 to +175
°C
1.
10/1000 µs pulse waveform
Table 2.
Thermal resistance
Symbol
Parameter
Value
Unit
Rth(j-l)
Junction to leads
20
°C/W
Table 3.
Electrical characteristics - parameters (Tamb = 25 °C)
Symbol
Parameter
VBR
Breakdown voltage
IRM
Leakage current @ VRM
VRM
Stand-off voltage
VCL
Clamping voltage
Rd
Dynamic resistance
IPP
Peak pulse current
C
Capacitance
I
I
F
V
F
V
CL VBR VRM
I
PP
I
RM
V
I
R
Table 4.
Electrical characteristics - values (Tamb = 25 °C)
Type
VF max
(IF = 0.85 A)
IRM max@VRM
VBR @IR
(1)
VCL @IPP
10/1000 µs
RD
(2)
10/1000 µs
VCL @IPP
8/20 µs
RD
(2)
8/20 µs
αT(3)
25 °C 85 °C
min typ max
max
max
max
VµA (max)
V
V
mA
V
A
Ω
VA
Ω
10-4/°C
SMTYF5.0A
0.48
10
500
5 6.40 6.74 7.07 10
9.2
68
0.029
13.4 298 0.021
5.7
SMTYF12A
0.48
20
1200 12 13.2 13.7 14.3 1
18.5
31
0.129
22.9 157 0.055
7.8
1.
Pulse test: tp <50ms.
2.
To calculate maximum clamping voltage at other surge currents, use the following formula
VCLmax = RD x IPP + VBRmax
3.
To calculate VBR versus junction temperature, use the following formula:
VBR @ Tj = VBR @ 25 °C x (1 + αT x (Tj - 25))



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com