Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMTYF Datasheet(PDF) 5 Page - STMicroelectronics

Part # SMTYF
Description  Low forward voltage TVS Transky?
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMTYF Datasheet(HTML) 5 Page - STMicroelectronics

  SMTYF Datasheet HTML 1Page - STMicroelectronics SMTYF Datasheet HTML 2Page - STMicroelectronics SMTYF Datasheet HTML 3Page - STMicroelectronics SMTYF Datasheet HTML 4Page - STMicroelectronics SMTYF Datasheet HTML 5Page - STMicroelectronics SMTYF Datasheet HTML 6Page - STMicroelectronics SMTYF Datasheet HTML 7Page - STMicroelectronics SMTYF Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SMTYF
Characteristics
5/8
Figure 7.
Average power dissipation versus
ambient temperature
Figure 8.
Relative variation of thermal
impedance junction to ambient
versus pulse duration (printed
ciruit board FR4, SCu = 1 cm
2)
Figure 9.
Thermal resistance junction to
ambient versus copper surface
under each lead
(printed circuit board FR4,
copper thickness = 35 µm)
Figure 10.
Leakage current versus junction
temperature (typical values)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0
25
50
75
100
125
150
175
P(W)
R
th(j-a)=Rth(j-l)
R
th(j-a)=200 °C/W
(PCB FR4, recommended pad layout)
Tamb(°C)
Zth(j-a)/Rth(j-a)
0.00
0.01
0.10
1.00
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
1.0E+02
1.0E+03
On recommended pad
layout
t (S)
p
Rth(j-a)(°C/W)
0
20
40
60
80
100
120
140
160
180
200
0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 3.0
S
(cm )
CU
2
I (µA)
R
1.E+00
1.E+01
1.E+02
1.E+03
1.E+04
1.E+05
25
50
75
100
125
150
175
V
R=VRM
SMTYF5.0A
SMTYF12A
T (°C)
j



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com