Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMTYF Datasheet(PDF) 1 Page - STMicroelectronics

Part # SMTYF
Description  Low forward voltage TVS Transky?
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMTYF Datasheet(HTML) 1 Page - STMicroelectronics

  SMTYF Datasheet HTML 1Page - STMicroelectronics SMTYF Datasheet HTML 2Page - STMicroelectronics SMTYF Datasheet HTML 3Page - STMicroelectronics SMTYF Datasheet HTML 4Page - STMicroelectronics SMTYF Datasheet HTML 5Page - STMicroelectronics SMTYF Datasheet HTML 6Page - STMicroelectronics SMTYF Datasheet HTML 7Page - STMicroelectronics SMTYF Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
September 2008
Rev 1
1/8
8
SMTYF
Low forward voltage TVS Transky™
Features
■ High peak pulse power:
– 600 W (10/1000 µs)
– 4000 W (8/20 µs)
■ Stand-off voltage 5 or 12 V
■ Low forward voltage: 0.48 V @ 0.85 A @ 25 °C
■ Low clamping factor VCL/VBR
■ Fast response time
■ Very thin package (1.0 mm overall component
height)
■ ECOPACK2® halogen-free package
Complies with the following standards:
■ IEC 61000-4-2 level 4:
– 15 kV (air discharge)
– 8 kV (contact discharge)
■ MIL STD 883E- Method 3015-7: class 3C
– Human body model
Description
The Transky is designed specifically for portable
equipment and miniaturized electronic devices
subject to ESD transient overvoltages.
The Transky combines the performance of a
Transil™ or TVS (transient voltage supressor) and
low forward voltage Schottky diode in a monolithic
structure.
TM: Transky is a trademark of STMicroelectronics.
TM: Transil is a trademark of STMicroelectronics.
K
A
Unidirectional
SMAflat
KA
www.st.com


Similar Part No. - SMTYF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMTY12A STMICROELECTRONICS-SMTY12A Datasheet
123Kb / 7P
Low forward voltage TVS: Transky?
24-Apr-2006
SMTY18AM STMICROELECTRONICS-SMTY18AM Datasheet
61Kb / 6P
LOW FORWARD VOLTAGE TVS: Transky
13-Sep-2004
SMTY5.0A STMICROELECTRONICS-SMTY5.0A Datasheet
123Kb / 7P
Low forward voltage TVS: Transky?
24-Apr-2006
SMTYXXA STMICROELECTRONICS-SMTYXXA Datasheet
123Kb / 7P
Low forward voltage TVS: Transky?
24-Apr-2006
More results

Similar Description - SMTYF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMTY18AM STMICROELECTRONICS-SMTY18AM Datasheet
61Kb / 6P
LOW FORWARD VOLTAGE TVS: Transky
13-Sep-2004
SMTYXXA STMICROELECTRONICS-SMTYXXA Datasheet
123Kb / 7P
Low forward voltage TVS: Transky?
24-Apr-2006
logo
Bruckewell Technology L...
SOTY12D BWTECH-SOTY12D Datasheet
1Mb / 5P
Ultra Low forward voltage TVS
SOTYXXD BWTECH-SOTYXXD Datasheet
543Kb / 4P
Ultra Low forward voltage TVS
logo
Mospec Semiconductor
S08A150 MOSPEC-S08A150 Datasheet
186Kb / 2P
Low Forward Voltage
SR220 MOSPEC-SR220 Datasheet
174Kb / 2P
Low Forward Voltage
logo
Everlight Electronics C...
HIR89-01C-1R EVERLIGHT-HIR89-01C-1R_15 Datasheet
352Kb / 9P
Low forward voltage
logo
Nanjing International G...
BAT54W1 DGNJDZ-BAT54W1 Datasheet
105Kb / 3P
Low forward voltage
logo
Sangdest Microelectroni...
SK32AF SMC-SK32AF Datasheet
196Kb / 5P
Low Forward Voltage
logo
SHIKUES Electronics
1SS387 SKTECHNOLGY-1SS387 Datasheet
1Mb / 3P
Low forward voltage
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com