Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMTYF Datasheet(PDF) 4 Page - STMicroelectronics

Part # SMTYF
Description  Low forward voltage TVS Transky?
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMTYF Datasheet(HTML) 4 Page - STMicroelectronics

  SMTYF Datasheet HTML 1Page - STMicroelectronics SMTYF Datasheet HTML 2Page - STMicroelectronics SMTYF Datasheet HTML 3Page - STMicroelectronics SMTYF Datasheet HTML 4Page - STMicroelectronics SMTYF Datasheet HTML 5Page - STMicroelectronics SMTYF Datasheet HTML 6Page - STMicroelectronics SMTYF Datasheet HTML 7Page - STMicroelectronics SMTYF Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Characteristics
SMTYF
4/8
Figure 4.
Clamping voltage versus peak pulse current (exponential waveform,
maximum values)
IPP(A)
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
5
1015
2025
T
j initial=25 °C
SMTYF5.0A
tp = 8/20 µs
tp = 10/1000 µs
tp = 8/20 µs
tp = 10/1000 µs
SMTYF12A
VCL(V)
Figure 5.
Junction capacitance versus
reverse applied voltage (typical
values)
Figure 6.
Forward voltage drop versus
forward current (typical values)
C(pF)
1.E+02
1.E+03
1.E+04
1
10
100
F=1 MHz
V
OSC=30 mVRMS
T
j=25 °C
SMTYF5.0A
SMTYF12A
V (V)
R
I
(A)
FM
1.E-02
1.E-01
1.E+00
1.E+01
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
T
j=25 °C
T
j=85 °C
V
(V)
FM



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com