Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYW51F Datasheet(PDF) 1 Page - STMicroelectronics

Part # BYW51F
Description  HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BYW51F Datasheet(HTML) 1 Page - STMicroelectronics

  BYW51F Datasheet HTML 1Page - STMicroelectronics BYW51F Datasheet HTML 2Page - STMicroelectronics BYW51F Datasheet HTML 3Page - STMicroelectronics BYW51F Datasheet HTML 4Page - STMicroelectronics BYW51F Datasheet HTML 5Page - STMicroelectronics BYW51F Datasheet HTML 6Page - STMicroelectronics BYW51F Datasheet HTML 7Page - STMicroelectronics BYW51F Datasheet HTML 8Page - STMicroelectronics BYW51F Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
BYW51/F/G/FP/R-200
®
August 2002 - Ed: 3E
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
TO-220AB
BYW51-200
s
SUITED FOR SMPS
s
VERY LOW FORWARD LOSSES
s
NEGLIGIBLE SWITCHING LOSSES
s
HIGH SURGE CURRENT CAPABILITY
s
INSULATED PACKAGES (ISOWATT220AB /
TO-220FP) :
Insulation voltage = 2000 V DC
Capacitance = 12 pF
FEATURES AND BENEFITS
Dual center tap rectifier suited for Switched Mode
Power Supplies and high frequency DC to DC
converters.
Packaged
in
TO-220AB,
ISOWATT220AB,
TO-220FP, D
2PAK or I2PAK, this device is
intended for use in low voltage, high frequency
inverters, free wheeling and polarity protection
applications.
DESCRIPTION
ISOWATT220AB
BYW51F-200
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
200
V
IF(RMS)
RMS forward current
20
A
IF(AV)
Average forward current
δ = 0.5
TO-220AB / D
2PAK
I
2PAK
Tc=120°C Per diode
10
A
Per device
20
ISOWATT220AB
Tc=95
°C
Per diode
10
Per device
20
TO-220FPAB
Tc=85°C
Per diode
10
Per device
20
IFSM
Surge non repetitive forward current
tp=10ms sinusoidal
100
A
Tstg
Storage temperature range
- 65 to + 150
°C
Tj
Maximum operating junction temperature
150
°C
ABSOLUTE RATINGS (limiting values, per diode)
A1
A2
K
A1
K
A2
A1
K
A2
IF(AV)
2x10A
VRRM
200 V
Tj (max)
150 °C
VF (max)
0.85 V
trr (max)
25 ns
MAIN PRODUCT CHARACTERISTICS
D
2PAK
BYW51G-200
K
A2
A1
A1
A2
K
TO-220FPAB
BYW51FP-200
A1
A2
K
I
2PAK
BYW51R-200
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - BYW51F

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BYW51F-100 ISC-BYW51F-100 Datasheet
301Kb / 2P
Ultrafast Rectifier Diode
BYW51F-150 ISC-BYW51F-150 Datasheet
301Kb / 2P
Ultrafast Rectifier Diode
logo
STMicroelectronics
BYW51F-200 STMICROELECTRONICS-BYW51F-200 Datasheet
160Kb / 9P
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
Aug-2002
logo
Inchange Semiconductor ...
BYW51F-200 ISC-BYW51F-200 Datasheet
301Kb / 2P
Ultrafast Rectifier Diode
BYW51F-50 ISC-BYW51F-50 Datasheet
301Kb / 2P
Ultrafast Rectifier Diode
More results

Similar Description - BYW51F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BYV255V STMICROELECTRONICS-BYV255V Datasheet
56Kb / 5P
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
May-2000
BYV52 STMICROELECTRONICS-BYV52 Datasheet
70Kb / 6P
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
Oct-1999
BYV54V STMICROELECTRONICS-BYV54V Datasheet
56Kb / 5P
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
May-2000
BYW77P-200 STMICROELECTRONICS-BYW77P-200 Datasheet
68Kb / 6P
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
Insulatingvoltage
BYW80-200 STMICROELECTRONICS-BYW80-200 Datasheet
73Kb / 6P
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
Oct-1999
BYW80PI-200 STMICROELECTRONICS-BYW80PI-200 Datasheet
55Kb / 5P
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
Oct-1999
BYW99P STMICROELECTRONICS-BYW99P Datasheet
78Kb / 6P
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
Oct-1999
SMBYW02-200 STMICROELECTRONICS-SMBYW02-200 Datasheet
69Kb / 5P
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
Oct-1999
logo
Shenzhen Taychipst Elec...
BYW98-200 TAYCHIPST-BYW98-200 Datasheet
965Kb / 2P
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
logo
STMicroelectronics
BYW51-200 STMICROELECTRONICS-BYW51-200 Datasheet
160Kb / 9P
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
Aug-2002
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com