Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYW51F Datasheet(PDF) 2 Page - STMicroelectronics

Part # BYW51F
Description  HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BYW51F Datasheet(HTML) 2 Page - STMicroelectronics

  BYW51F Datasheet HTML 1Page - STMicroelectronics BYW51F Datasheet HTML 2Page - STMicroelectronics BYW51F Datasheet HTML 3Page - STMicroelectronics BYW51F Datasheet HTML 4Page - STMicroelectronics BYW51F Datasheet HTML 5Page - STMicroelectronics BYW51F Datasheet HTML 6Page - STMicroelectronics BYW51F Datasheet HTML 7Page - STMicroelectronics BYW51F Datasheet HTML 8Page - STMicroelectronics BYW51F Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
BYW51/F/G/FP/R-200
2/9
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IR *
Reverse leakage current
Tj = 25°C
VR =VRRM
15
µA
Tj = 100°C
1mA
VF**
Forward voltage drop
Tj = 125°C
IF =8A
0.85
V
Tj = 125
°CIF =16A
1.05
Tj =25
°CIF =16A
1.15
Pulse test :* tp=5ms,
δ <2%
** tp = 380
µs, δ <2%
To evaluate the conduction losses use the following equation :
P=0.65xIF(AV) + 0.025 x IF
2
(RMS)
STATIC ELECTRICAL CHARACTERISTICS (Per diode)
Symbol
Test Conditions
Typ.
Max.
Unit
trr
Tj = 25°C
IF = 0.5A
IR =1A
Irr = 0.25A
25
ns
IF =1A
VR = 30V
dIF/dt = -50A/
µs35
tfr
Tj = 25°C
IF =1A
VFR =1.1xVF max
dIF/dt = -50A/
µs15
ns
VFP
Tj = 25°C
IF =1A
dIF/dt = -50A/
µs2
V
RECOVERY CHARACTERISTICS
Symbol
Parameter
Value
Unit
Rth (j-c)
Junction to case
TO-220AB / D
2PAK/I2PAK
Per diode
2.5
°C/W
Total
1.4
ISOWATT220AB
Per diode
5.1
Total
4.05
TO-220FPAB
Per diode
5.7
Total
4.6
Rth (c)
Coupling
TO-220AB / D
2PAK/I2PAK
0.25
°C/W
ISOWATT220AB
3.0
TO-220FPAB
3.5
When diodes 1 and 2 are used simultaneously :
∆Tc (diode 1) = P(diode 1) x Rth(j-c) (Per diode) + P(diode 2) x Rth(c)
THERMAL RESISTANCES



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com