Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD3268A Datasheet(PDF) 17 Page - Texas Instruments

Part # CD3268A
Description  CD326x Audio Interface Transmitter for Specially Enabled Headsets
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD3268A Datasheet(HTML) 17 Page - Texas Instruments

Back Button CD3268A Datasheet HTML 13Page - Texas Instruments CD3268A Datasheet HTML 14Page - Texas Instruments CD3268A Datasheet HTML 15Page - Texas Instruments CD3268A Datasheet HTML 16Page - Texas Instruments CD3268A Datasheet HTML 17Page - Texas Instruments CD3268A Datasheet HTML 18Page - Texas Instruments CD3268A Datasheet HTML 19Page - Texas Instruments CD3268A Datasheet HTML 20Page - Texas Instruments CD3268A Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
7.4 Device Functional Modes
7.4.1 Button Mode
When the CD326x detects a MIC pin voltage below 2.35V (typ), the CD326x shorts the MIC and REM pins
together and disables all other inputs and outputs. When a button press event occurs, the DC voltage on the
microphone bias line changes according to the button being pressed. Table 7-1 shows the corresponding DC
voltage for a given button press when using the resistor values in Figure 7-4. This DC level can then be detected
by a specially enabled audio interface connected to the microphone bias line (MIC pin).
Switch S0 is a unique switch (typically controlled by a specially enabled audio interface) that shorts the MIC
pin to ground. When Switch S0 shorts the MIC pin to ground, the specially enabled audio interface removes
power from the CD326x. When power recovers, the CD326x enters button mode or tone mode depending on the
voltage detected at the MIC pin.
Table 7-1. Typical Switch Voltage Values (Button mode)
Switch Closed
MIC Pin Voltage (V) (1)
S0
0
S1
1.510
S2
1.603
S3
1.690
S4
1.779
(1)
VMICBIAS is the voltage on the MIC pin: 2.0V (typ)
REM
R1
6.81k
S0
S1
R2
2.61k
S2
S3
S4
Phone host
audio interface
MICBIAS
GND
R3
3.57k
R4
6.81k
CD326x
MIC
≤1% tolerance resistors recommended
Figure 7-4. Recommended Button Mode Resistor Values
7.4.2 Tone Mode
When the CD326x detects a value higher than the rising tone mode threshold voltage (2.35V typical) on the
MIC pin, the CD326x enters tone mode. When the device transitions to tone mode while supplying voltages
below the tone mode threshold voltage, the overshoot voltage from the supply temporarily pushes the MIC pin
voltage above the threshold. Decreasing the ramp of the supply or reducing the supply voltage are both options
to reduce the inrush current leading to this functionality.
Figure 7-5 shows the start-up sequence for when the CD326x enters tone mode. Upon entering tone more,
the device opens the switch that connects the MIC and REM pins (Switch B). After a predetermined delay, the
device shorts the VSHUNT pin and the MICPWR pin (Switch A). This functionality aids in preventing unwanted
noise from the internal circuitry being mixed onto the microphone bias line. Following another predetermined
delay, the CD326x sends an acknowledge tone sequence as described in Section 7.3.2.
When a microphone is biased and in use, the switch-resistor network used for button mode causes large DC
level shifts in the bias voltage. This level shift can result in unwanted, audible clicks, pops, or de-biasing of the
microphone. To prevent these results, when the CD326x enters tone mode, the CD326x disconnects the switch-
resistor network from the microphone bias line, provides power to an external microphone through a shunt
regulator, and engages a tone generation circuit. The TONE pin AC couples the tones onto the microphone bias
www.ti.com
CD3268A, CD3269A
SCHS463 – MAY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: CD3268A CD3269A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com