Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD3268A Datasheet(PDF) 20 Page - Texas Instruments

Part # CD3268A
Description  CD326x Audio Interface Transmitter for Specially Enabled Headsets
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD3268A Datasheet(HTML) 20 Page - Texas Instruments

Back Button CD3268A Datasheet HTML 16Page - Texas Instruments CD3268A Datasheet HTML 17Page - Texas Instruments CD3268A Datasheet HTML 18Page - Texas Instruments CD3268A Datasheet HTML 19Page - Texas Instruments CD3268A Datasheet HTML 20Page - Texas Instruments CD3268A Datasheet HTML 21Page - Texas Instruments CD3268A Datasheet HTML 22Page - Texas Instruments CD3268A Datasheet HTML 23Page - Texas Instruments CD3268A Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
The CD326x device is a highly efficient, small, and flexible wired headset signaling transmitter compatible with
systems including a specially enabled audio interface. The design includes support for systems with and without
a microphone while being compatible with up to four unique buttons.
8.2 Typical Application
VSHUNT
MIC
TONE
MICPWR
GND
REM
CD326x
R1
6.81k
RTONE
20k
CTONE
200pF
S0
RVSHUNT
1.0k
CVSHUNT
0.1µF
S1
R2
2.61k
S2
S3
S4
Microphone
module
VMIC
Phone host
audio interface
INT
MICBIAS
GND
R3
3.57k
R4
6.81k
Figure 8-1. Typical Application
8.2.1 Design Requirements
Table 8-1. Typical Component Values
PARAMETER
VALUE UNIT
CMIC
MIC capacitor
10
µF
CVSHUNT
VSHUNT capacitor
0.1
CTONE
TONE capacitor
200
pF
RMIC
MIC resistor
1.0
kΩ
RVSHUNT
VSHUNT resistor
1.0
RTONE
TONE resistor
20.0
R1
S1 switch resistor
6.81
R2
S2 switch resistor
2.61
R3
S3 switch resistor
3.57
R4
S4 switch resistor
6.81
CD3268A, CD3269A
SCHS463 – MAY 2025
www.ti.com
20
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: CD3268A CD3269A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com