Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD3269 Datasheet(PDF) 22 Page - Texas Instruments

Part # CD3269
Description  CD326x Audio Interface Transmitter for Specially Enabled Headsets
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD3269 Datasheet(HTML) 22 Page - Texas Instruments

Back Button CD3269 Datasheet HTML 18Page - Texas Instruments CD3269 Datasheet HTML 19Page - Texas Instruments CD3269 Datasheet HTML 20Page - Texas Instruments CD3269 Datasheet HTML 21Page - Texas Instruments CD3269 Datasheet HTML 22Page - Texas Instruments CD3269 Datasheet HTML 23Page - Texas Instruments CD3269 Datasheet HTML 24Page - Texas Instruments CD3269 Datasheet HTML 25Page - Texas Instruments CD3269 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
8.3 Power Supply Recommendations
The power supply to the CD326x must have a current rating according to the supply voltage, output voltage,
supply current, and output current of the CD326x.
8.4 Layout
8.4.1 Layout Guidelines
The system level performance metrics, including thermal performance, electromagnetic compliance (EMC),
device reliability, and audio performance are all affected by the device and supporting component layout. The
guidance provided in the applications section with regard to device and component selection can be followed by
precise adherence to the layout guidance shown in the Section 8.4.2. This example represents an exemplary
baseline balance of the engineering trade-offs involved with lying out the device. This design can be modified
slightly as needed to meet the needs of a given application. In some applications, for instance, footprint size
can be compromised to improve thermal performance through the use of additional contiguous copper neat the
device. Conversely, EMI performance can be prioritized over thermal performance by routing on internal traces
and incorporating a via picket-fence and additional filtering components. The recommended process is to start
with the guidance shown in the Section 8.4.2 and work with TI field application engineers or through the E2E
community to modify the layout based upon the application specific goals.
• See Figure 8-5 for the recommended layout of the CD326x, which is designed for common external
GND connections. TI recommends placing all components as close as possible to the package pins. The
recommended layout is implemented on the EVM and shown in the EVM user's guide.
• Provide low capacitive paths (with respect to all other nodes) for traces with high dv/dt. Therefore, the input
and output capacitance must be placed as close as possible to the IC pins and parallel wiring over long
distances as well as narrow traces must be avoided. Loops which conduct an alternating current must outline
an area as small as possible, as this area is proportional to the energy radiated
• Use a ground plane with multiple vias for each terminal to create a low-impedance connection to GND for
minimum ground noise.
• A single common GND plane is recommended to avoid a potential voltage difference between signals.
• When placing decoupling capacitors, especially for the VSHUNT pin, place the capacitors as close to the
device as possible. Typically recommended capacitor is 0.1µF.
CD3268A, CD3269A
SCHS463 – MAY 2025
www.ti.com
22
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: CD3268A CD3269A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com