Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD3269 Datasheet(PDF) 10 Page - Texas Instruments

Part # CD3269
Description  CD326x Audio Interface Transmitter for Specially Enabled Headsets
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD3269 Datasheet(HTML) 10 Page - Texas Instruments

Back Button CD3269 Datasheet HTML 6Page - Texas Instruments CD3269 Datasheet HTML 7Page - Texas Instruments CD3269 Datasheet HTML 8Page - Texas Instruments CD3269 Datasheet HTML 9Page - Texas Instruments CD3269 Datasheet HTML 10Page - Texas Instruments CD3269 Datasheet HTML 11Page - Texas Instruments CD3269 Datasheet HTML 12Page - Texas Instruments CD3269 Datasheet HTML 13Page - Texas Instruments CD3269 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
1.56
VTF
0
2.5
VTR
0
1.0
0.4
Figure 6-7. VTR and VTF Waveforms
6.5 Impedance Measurements
VSHUNT
MIC
TONE
MICPWR
GND
REM
CD326x
VMICBIAS
1k
2.21k
+
–
100
VB
VA
100mVP-P
100µF
VMIC must rise above 2.35V (typ) to enter tone mode before
measurement is taken.
RSO= VB
VA−VB/100
Figure 6-8. RSO Shunt Regulator Impedance Measurement
CD3268A, CD3269A
SCHS463 – MAY 2025
www.ti.com
10
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: CD3268A CD3269A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com