Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDX4ACT151 Datasheet(PDF) 3 Page - Texas Instruments

Part # CDX4ACT151
Description  CDx4ACT151 8-Line to 1-Line Data Selectors/Multiplexers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDX4ACT151 Datasheet(HTML) 3 Page - Texas Instruments

  CDX4ACT151 Datasheet HTML 1Page - Texas Instruments CDX4ACT151 Datasheet HTML 2Page - Texas Instruments CDX4ACT151 Datasheet HTML 3Page - Texas Instruments CDX4ACT151 Datasheet HTML 4Page - Texas Instruments CDX4ACT151 Datasheet HTML 5Page - Texas Instruments CDX4ACT151 Datasheet HTML 6Page - Texas Instruments CDX4ACT151 Datasheet HTML 7Page - Texas Instruments CDX4ACT151 Datasheet HTML 8Page - Texas Instruments CDX4ACT151 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
3 Pin Configuration and Functions
Figure 3-1. CD54ACT151 J Package; CD74ACT151
J, D, or PW Package; 16-Pin CDIP, SOIC or TSSOP
(Top View)
D2
D1
D0
Y
W
G
GND
D4
D5
D6
D7
A
C
B
PAD
D3
V
CC
2
3
4
5
6
7
8
15
14
13
12
11
10
9
1
16
Figure 3-2. CD74ACT151 BQB Package, 16-Pin
WQFN (Transparent Top View)
Pin Functions
PIN
I/O(1)
DESCRIPTION
NO.
NAME
1
D3
I
Data input 3
2
D2
I
Data input 2
3
D1
I
Data input 1
4
D0
I
Data input 0
5
Y
O
Data output
6
W
O
Data output, inverted
7
G
I
Output strobe, active low
8
GND
—
Ground
9
C
I
Address select C
10
B
I
Address select B
11
A
I
Address select A
12
D7
I
Data input 7
13
D6
I
Data input 6
14
D5
I
Data input 5
15
D4
I
Data input 4
16
VCC
—
Positive supply
Thermal Pad(2)
—
The thermal pad can be connected to GND or left floating. Do not connect to any other
signal or supply
(1)
I = Input, O = Output, I/O = Input or Output, G = Ground, P = Power
(2)
BQB package only
www.ti.com
CD54ACT151, CD74ACT151
SCHS338B – MARCH 2003 – REVISED MAY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: CD54ACT151 CD74ACT151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com