Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDX4ACT151 Datasheet(PDF) 1 Page - Texas Instruments

Part # CDX4ACT151
Description  CDx4ACT151 8-Line to 1-Line Data Selectors/Multiplexers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDX4ACT151 Datasheet(HTML) 1 Page - Texas Instruments

  CDX4ACT151 Datasheet HTML 1Page - Texas Instruments CDX4ACT151 Datasheet HTML 2Page - Texas Instruments CDX4ACT151 Datasheet HTML 3Page - Texas Instruments CDX4ACT151 Datasheet HTML 4Page - Texas Instruments CDX4ACT151 Datasheet HTML 5Page - Texas Instruments CDX4ACT151 Datasheet HTML 6Page - Texas Instruments CDX4ACT151 Datasheet HTML 7Page - Texas Instruments CDX4ACT151 Datasheet HTML 8Page - Texas Instruments CDX4ACT151 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
CDx4ACT151 8-Line to 1-Line Data Selectors/Multiplexers
1 Features
• Inputs are TTL-voltage compatible
• 8-line to 1-line multiplexers can perform as:
– Boolean function generators
– Parallel-to-serial converters
– Data source selectors
• Speed of bipolar F, AS, and S, with significantly
reduced power consumption
• Balanced propagation delays
• ±24mA output drive current
– Fanout to 15 F devices
• SCR-latchup-resistant CMOS process and circuit
design
• Exceeds 2kV ESD protection per MIL-STD-883,
method 3015
2 Description
These data selectors/multiplexers provide full binary
decoding to select one of eight data sources. The
strobe (G) input must be at a low logic level to enable
the inputs. A high level at the strobe terminal forces
the W output high and the Y output low.
Device Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
BODY SIZE(3)
CDx4ACT151
D (SOIC, 16)
8.65mm × 6mm
8.65mm × 3.9mm
J (CDIP , 16)
19.55mm × 7.9mm
19.55 mm × 6.7mm
PW (TSSOP, 16)
5mm × 6.4mm
5mm × 4.4mm
BQB (WQFN, 16)
3.5mm × 2.5mm
3.5mm × 2.5mm
(1)
For more information, see Mechanical, Packaging, and
Orderable Information.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
(3)
The body size (length × width) is a nominal value and does
not include pins.
000
001
010
011
100
101
110
111
A
B
C
CBA
D
0
D
1
D
2
D
3
D
4
D
5
D
6
D
7
Y
W
G
Logic Diagram (Positive Logic)
CD54ACT151, CD74ACT151
SCHS338B – MARCH 2003 – REVISED MAY 2025
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - CDX4ACT151

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDX4ACT138 TI1-CDX4ACT138 Datasheet
2Mb / 30P
CDx4ACT138 3-Line to 8-Line Decoders/Demultiplexers
JULY 2024
CDX4ACT164 TI-CDX4ACT164 Datasheet
835Kb / 19P
CDx4AC164, CDx4ACT164 8-Bit Serial-In/Parallel-Out Shift Register
OCTOBER 2024
CDX4ACT164 TI2-CDX4ACT164 Datasheet
835Kb / 19P
CDx4AC164, CDx4ACT164 8-Bit Serial-In/Parallel-Out Shift Register
REVISED OCTOBER 2024
CDX4ACT174 TI-CDX4ACT174 Datasheet
1Mb / 25P
CDx4ACT174 Hex D-Type Flip-Flops with Clear
OCTOBER 2024
CDX4ACT174 TI1-CDX4ACT174 Datasheet
1Mb / 28P
CDx4ACT174 Hex D-Type Flip-Flops with Clear
OCTOBER 2024
More results

Similar Description - CDX4ACT151

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54157 NSC-54157 Datasheet
118Kb / 6P
Quad 2-Line to 1-Line Data Selectors/Multiplexers
logo
Texas Instruments
SN54ALS352 TI-SN54ALS352 Datasheet
94Kb / 6P
DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SN54HC151 TI-SN54HC151 Datasheet
450Kb / 15P
8-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
CD54ACT151 TI-CD54ACT151 Datasheet
245Kb / 5P
8-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SN74LS356 TI-SN74LS356 Datasheet
334Kb / 10P
8-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS/REGISTERS
SN54LV157A TI-SN54LV157A Datasheet
503Kb / 17P
QUADRUPLE-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
CD54AC157 TI-CD54AC157_07 Datasheet
480Kb / 13P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SN74LV157A TI-SN74LV157A_08 Datasheet
533Kb / 17P
QUADRUPLE-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
CD54ACT151 TI1-CD54ACT151_14 Datasheet
806Kb / 13P
8-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SN54HC151 TI1-SN54HC151_15 Datasheet
1Mb / 20P
8-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com