Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD54HC251 Datasheet(PDF) 4 Page - Texas Instruments

Part # CD54HC251
Description  CDx4HC251, CDx4HCT251 High-Speed CMOS Logic 8-Input Multiplexer, Three-State
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD54HC251 Datasheet(HTML) 4 Page - Texas Instruments

  CD54HC251 Datasheet HTML 1Page - Texas Instruments CD54HC251 Datasheet HTML 2Page - Texas Instruments CD54HC251 Datasheet HTML 3Page - Texas Instruments CD54HC251 Datasheet HTML 4Page - Texas Instruments CD54HC251 Datasheet HTML 5Page - Texas Instruments CD54HC251 Datasheet HTML 6Page - Texas Instruments CD54HC251 Datasheet HTML 7Page - Texas Instruments CD54HC251 Datasheet HTML 8Page - Texas Instruments CD54HC251 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
5 Specifications
5.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
VCC
Supply voltage range
-0.5
7
V
IIK
Input diode current
(2)
VI < 0.5 V or VI > VCC + 0.5 V
±20
mA
IOK
Output diode current
(2)
VO < – 0.5 V or VO > VCC + 0.5 V
±20
mA
IO
Drain current, per output
– 0.5 V < VO < VCC + 0.5 V
±25
mA
IO
Output source or sing current per
output pin
VO > – 0.5 V or VO < VCC + 0.5 V
±25
mA
Continuous current through VCC or GND
±50
mA
TJ
Junction temperature
150
°C
Tstg
Storage temperature
-65
150
°C
Lead temperature (Soldering 10s) (SOIC - lead tips only)
300
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
5.2 Recommended Operating Conditions
(1)
MIN
MAX
UNIT
VCC
Supply voltage range
HC Types
2
6
V
HCT Types
4.5
5.5
V
VI, VO
DC input or output voltage
0
VCC
V
tt
Input rise and fall time
2 V
1000
ns
4.5 V
500
6 V
400
TA
Temperature range
– 55
125
℃
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report
Implications of Slow or Floating SMOS Inputs, literature number SCBA004.
5.3 Thermal Information
THERMAL METRIC
D (SOIC)
N (PDIP)
UNIT
16 PINS
16 PINS
RθJA
Junction-to-ambient thermal resistance(1)
67
73
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC package thermal metrics application
report.
CD54HC251, CD74HC251, CD54HCT251, CD74HCT251
SCHS169D – NOVEMBER 1998 – REVISED MARCH 2022
www.ti.com
4
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: CD54HC251 CD74HC251 CD54HCT251 CD74HCT251



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com