Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD54HC251 Datasheet(PDF) 1 Page - Texas Instruments

Part # CD54HC251
Description  CDx4HC251, CDx4HCT251 High-Speed CMOS Logic 8-Input Multiplexer, Three-State
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD54HC251 Datasheet(HTML) 1 Page - Texas Instruments

  CD54HC251 Datasheet HTML 1Page - Texas Instruments CD54HC251 Datasheet HTML 2Page - Texas Instruments CD54HC251 Datasheet HTML 3Page - Texas Instruments CD54HC251 Datasheet HTML 4Page - Texas Instruments CD54HC251 Datasheet HTML 5Page - Texas Instruments CD54HC251 Datasheet HTML 6Page - Texas Instruments CD54HC251 Datasheet HTML 7Page - Texas Instruments CD54HC251 Datasheet HTML 8Page - Texas Instruments CD54HC251 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
CDx4HC251, CDx4HCT251 High-Speed CMOS Logic 8-Input Multiplexer, Three-State
1 Features
• Selects one of eight binary data inputs
• Three-state output capability
• True and complement outputs
• Typical (data to output) propagation delay of 14 ns
at VCC = 5 V, CL = 15 pF, TA = 25 ℃
• Fanout (over temperature range)
– Standard outputs : 10 LSTTL loads
– Bus driver outputs : 15 LSTTL loads
• Wide operating temperature range : – 55
℃ to 125
℃
• Balanced propagation delay and transition times
• Significant power reduction compared to LSTTL
logic ICs
• Alternate source is Philips
• HC types
– 2 V to 6 V operation
– High noise immunity : NIL = 30 %, NIH = 30% of
VCC at VCC = 5 V
• HCT types
– 4.5 V to 5.5 V operation
– Direct LSTTL input logic compatibility, VIL = 0.8
V (Max), VIH = 2 V (Min)
– CMOS input compatibility, II ≤ 1 μA at VOL, VOH
2 Description
The ’HC251 and ’HCT251 are 8-channel digital
multiplexers with three-state outputs, fabricated with
high-speed silicongate CMOS technology. Together
with the low power consumption of standard CMOS
integrated circuits, they possess the ability to drive
10 LSTTL loads. The three-state feature makes them
ideally suited for interfacing with bus lines in a bus-
oriented system.
Device Information
PART NUMBER
PACKAGE(1)
BODY SIZE (NOM)
CD54HC251F
CDIP (16)
24.38 mm × 6.92 mm
CD54HCT251F
CDIP (16)
24.38 mm × 6.92 mm
CD74HC251M
SOIC (16)
9.90 mm × 3.90 mm
CD74HCT251M
SOIC (16)
9.90 mm × 3.90 mm
CD74HC251E
PDIP (16)
19.31 mm × 6.35 mm
CD74HCT251E
PDIP (16)
19.31 mm × 6.35 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
S0
S1
S2
I0
I1
I2
I3
I4
I5
I6
I7
Y
Y
OE
Functional Block Diagram
CD54HC251, CD74HC251, CD54HCT251, CD74HCT251
SCHS169D – NOVEMBER 1998 – REVISED MARCH 2022
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - CD54HC251

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC251 TI-CD54HC251 Datasheet
271Kb / 11P
High-Speed CMOS Logic 8-Input Multiplexer, Three-State
CD54HC251 TI1-CD54HC251 Datasheet
463Kb / 16P
High-Speed CMOS Logic 8-Input Multiplexer, Three-State
CD54HC251 TI2-CD54HC251 Datasheet
939Kb / 21P
CDx4HC251, CDx4HCT251 High-Speed CMOS Logic 8-Input Multiplexer, Three-State
REVISED MARCH 2022
CD54HC251F TI-CD54HC251F Datasheet
271Kb / 11P
High-Speed CMOS Logic 8-Input Multiplexer, Three-State
CD54HC251F TI1-CD54HC251F Datasheet
463Kb / 16P
High-Speed CMOS Logic 8-Input Multiplexer, Three-State
More results

Similar Description - CD54HC251

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54-74HC354 TI-CD54-74HC354 Datasheet
304Kb / 11P
HIGH-SPEED CMOS LOGIC(8-INPUT MULTIPLEXER/REGISTER, 3-STATE)
CD74AC251 TI-CD74AC251 Datasheet
38Kb / 8P
8-Input Multiplexer, Three-State
CD74HC151 TI-CD74HC151 Datasheet
42Kb / 7P
High Speed CMOS Logic 8-Input Multiplexer
CD74HC251 TI-CD74HC251 Datasheet
37Kb / 7P
High Speed CMOS Logic 8-Input Multiplexer; Three-State
CD54HC151 TI-CD54HC151 Datasheet
267Kb / 12P
High-Speed CMOS Logic 8-Input Multiplexer
CD74HCT356 TI-CD74HCT356 Datasheet
235Kb / 8P
High-Speed CMOS Logic 8-Input Multiplexer/Register, Three-State
CD54HCT251 TI-CD54HCT251 Datasheet
271Kb / 11P
High-Speed CMOS Logic 8-Input Multiplexer, Three-State
CD54HC151 TI-CD54HC151_07 Datasheet
411Kb / 14P
High-Speed CMOS Logic 8-Input Multiplexer
CD74AC251 TI1-CD74AC251_14 Datasheet
690Kb / 14P
8-Input Multiplexer, Three-State
CD54HC251 TI1-CD54HC251_14 Datasheet
463Kb / 16P
High-Speed CMOS Logic 8-Input Multiplexer, Three-State
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com