Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE421ARGET Datasheet(PDF) 2 Page - Texas Instruments

Part # CDCE421ARGET
Description  Fully-Integrated, Wide Range, Low-Jitter Crystal Oscillator Clock Generator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCE421ARGET Datasheet(HTML) 2 Page - Texas Instruments

  CDCE421ARGET Datasheet HTML 1Page - Texas Instruments CDCE421ARGET Datasheet HTML 2Page - Texas Instruments CDCE421ARGET Datasheet HTML 3Page - Texas Instruments CDCE421ARGET Datasheet HTML 4Page - Texas Instruments CDCE421ARGET Datasheet HTML 5Page - Texas Instruments CDCE421ARGET Datasheet HTML 6Page - Texas Instruments CDCE421ARGET Datasheet HTML 7Page - Texas Instruments CDCE421ARGET Datasheet HTML 8Page - Texas Instruments CDCE421ARGET Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
DESCRIPTION
f
=
XTAL
OutputDivider
FeedbackDivider
´ fOUT
(1)
LoopFilter
Feedback
Divider
12,16,20,and32
Crystal
Oscillator
PFD
ChargePump
XIN1
XIN2
VCO1
1894
VCO2
2157
Prescaler
2,3,4,and5
OutputDivider
1,2,4,8,16,and32
EEPROM
1-PinInterface
and
Control
CE
Program
LVPECL
LVDS
CDCE421A
CDCE421A
SCAS873 – APRIL 2009..................................................................................................................................................................................................... www.ti.com
The CDCE421A is a high-performance, low phase noise clock generator. It has two fully-integrated, low-noise,
LC-based voltage-controlled oscillators (VCOs) that operate in the 1.750-GHz to 2.350-GHz frequency range(1). It
also features an integrated crystal oscillator that operates in conjunction with an external AT-cut crystal to
produce a stable frequency reference for the phase-locked loop (PLL) based frequency synthesizer.
The output frequency (fOUT) is proportional to the frequency of the input crystal (fXTAL). The prescaler divider,
feedback divider, output divider, and VCO selection set the output frequency with respect to fXTAL. Table 2
provides the look-up information for a desired frequency, fOUT, and the corresponding settings for the dividers
and VCO selection. To calculate the exact crystal oscillator frequency required for the desired output, use the
formula in Equation 1.
Where:
• Output divider(1) = 1, 2, 4, 8, 16, and 32
• Feedback divider(2) = 12, 16, 20, and 32
In the CDCE421A, the feedback divider is set automatically with respect to the prescaler setting. The product of
the prescaler and the feedback divider should be between 60 and 64 as shown in Table 2 to maintain a stable
control loop.
Figure 1 shows a high-level block diagram of the device. The CDCE421A supports one differential LVDS clock
output or one differential LVPECL output. All device settings are programmable through a proprietary simple
serial interface (SSI).
The device operates in 3.3-V supply environment for both LVPECL and LVDS outputs and is characterized for
operation from –40°C to +85°C. The CDCE421A is available in a QFN-24 4-mm × 4-mm package.
CDCE421 Users:
The CDCE421A provides several device enhancements to the CDCE421. For a complete description of
differences between these products, refer to Appendix C: Application Information.
Figure 1. Functional Block Diagram
(1)
Output divider and feedback divider should be from the same row in Table 2.
(2)
Feedback divider is set automatically with respect to the prescaler setting in Table 2.
2
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): CDCE421A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com