Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE421ARGET Datasheet(PDF) 11 Page - Texas Instruments

Part # CDCE421ARGET
Description  Fully-Integrated, Wide Range, Low-Jitter Crystal Oscillator Clock Generator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCE421ARGET Datasheet(HTML) 11 Page - Texas Instruments

Back Button CDCE421ARGET Datasheet HTML 7Page - Texas Instruments CDCE421ARGET Datasheet HTML 8Page - Texas Instruments CDCE421ARGET Datasheet HTML 9Page - Texas Instruments CDCE421ARGET Datasheet HTML 10Page - Texas Instruments CDCE421ARGET Datasheet HTML 11Page - Texas Instruments CDCE421ARGET Datasheet HTML 12Page - Texas Instruments CDCE421ARGET Datasheet HTML 13Page - Texas Instruments CDCE421ARGET Datasheet HTML 14Page - Texas Instruments CDCE421ARGET Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
Programming Cycle of Six Words and Programming Into EEPROM Example
EnterProgrammingSequence
Word0
Payload
Word1
Payload
Word5
Payload
StateMachineJump
State2
State3
®
StateMachineJump
State3
State1
®
Aftereightbits,thepayloaddata
aretransferredtotheRAM
andbecomeactive
Waitforatleast10ms
beforeexitingtheEEPROMwritephase
forsaveoperation
Enter Register Readback Mode
1
1
1
1
1
0
0
1
2
56
57
58
OutputOscillation
OutputOscillation
EnterReadbackSequence
60thfallingedge
switchesbackinto
normaloperation
EEPROMcontent:firstbitavailable
afterfirstfallingedge
FetchEEPROM
contentwith
firstCLK
SDATA
FOUT
CDCE421A
www.ti.com..................................................................................................................................................................................................... SCAS873 – APRIL 2009
Figure 3 shows an Enter Programming Mode sequence and how the different words can be written. The
addressing of Word0 … Word5 can be seen in bold. After that, the inverted payload for the respective word is
clocked in. In this example, this step is followed by a Jump from State 2
→State 3 into Enter EEPROM
programming with EEPROM lock. In the EEPROM programming state, it is required to wait at least 10ms for
save programming to occur. The last command is a jump from State 3 back to State 1 (normal operation). Then
cycle the power and verify that the device is functioning as programmed.
Figure 3. Programming Cycle of Six Words and Programming Into EEPROM
Similar to the Enter Programming Mode sequence, the Enter Register Readback Mode is written into SDATA.
After the command has been issued, the SDATA-input is reconfigured as the clock input. By applying one clock,
the EEPROM content is read into the shift registers. Then, by applying further clocks at SDATA, the EEPROM
content can be clocked out and observed at FOUT. Additionally, FOUT is reconfigured during this operation, as
can be seen in Figure 4. There are 59 bits to be clocked out. With the 61st rising clock edge, the FOUR pin is
reconfigured for normal operation.
Figure 4. Register Readback Mode Timing Sequence
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): CDCE421A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com