Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCLVC1102 Datasheet(PDF) 12 Page - Texas Instruments

Part # CDCLVC1102
Description  CDCLVC11xx 3.3-V and 2.5-V LVCMOS High-Performance Clock Buffer Family
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCLVC1102 Datasheet(HTML) 12 Page - Texas Instruments

Back Button CDCLVC1102 Datasheet HTML 8Page - Texas Instruments CDCLVC1102 Datasheet HTML 9Page - Texas Instruments CDCLVC1102 Datasheet HTML 10Page - Texas Instruments CDCLVC1102 Datasheet HTML 11Page - Texas Instruments CDCLVC1102 Datasheet HTML 12Page - Texas Instruments CDCLVC1102 Datasheet HTML 13Page - Texas Instruments CDCLVC1102 Datasheet HTML 14Page - Texas Instruments CDCLVC1102 Datasheet HTML 15Page - Texas Instruments CDCLVC1102 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
12
CDCLVC1102, CDCLVC1103, CDCLVC1104
CDCLVC1106, CDCLVC1108, CDCLVC1110, CDCLVC1112
SCAS895B – MAY 2010 – REVISED FEBRUARY 2017
www.ti.com
Product Folder Links: CDCLVC1102 CDCLVC1103 CDCLVC1104 CDCLVC1106 CDCLVC1108 CDCLVC1110
CDCLVC1112
Submit Documentation Feedback
Copyright © 2010–2017, Texas Instruments Incorporated
Typical Application (continued)
9.2.3 Application Curves
Figure 11. CDCLVC11xx Reference Phase Noise 26 fs
(12 kHz to 20 MHz)
Figure 12. CDCLVC11xx Output Phase Noise 86 fs
(12 kHz to 20 MHz)
The low additive jitter of the CDCLVC11xx can be shown in the previous application example. The low-noise
100-MHz XO with 26-fs RMS jitter drives the CDCLVC11xx, resulting in 86-fs RMS jitter when integrated from 12
kHz to 20 MHz. The resultant additive jitter is a low 82-fs RMS for this configuration.
10 Power Supply Recommendations
High-performance clock buffers are sensitive to noise on the power supply, which can dramatically increase the
additive jitter of the buffer. Thus, it is essential to reduce noise from the system power supply, especially when
the jitter and phase noise is critical to applications.
Filter capacitors are used to eliminate the low-frequency noise from the power supply, where the bypass
capacitors provide the very low impedance path for high-frequency noise and guards the power supply system
against induced fluctuations. These bypass capacitors also provide instantaneous current surges as required by
the device and should have low equivalent series resistance (ESR). To properly use the bypass capacitors, they
must be placed very close to the power-supply terminals and laid out with short loops to minimize inductance. TI
recommends adding as many high-frequency (for example, 0.1 µF) bypass capacitors, as there are supply
terminals in the package. TI recommends, but does not require, inserting a ferrite bead between the board power
supply and the chip power supply that isolates the high-frequency switching noises generated by the clock buffer;
these beads prevent the switching noise from leaking into the board supply. It is imperative to choose an
appropriate ferrite bead with very low DC resistance to provide adequate isolation between the board supply and
the chip supply, as well as to maintain a voltage at the supply terminals that is greater than the minimum voltage
required for proper operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com