Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCLVC1102 Datasheet (PDF) - Texas Instruments

CDCLVC1102 Datasheet PDF - Texas Instruments
Part # CDCLVC1102
Download  CDCLVC1102 Download
File Size   1382.64 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CDCLVC11xx 3.3-V and 2.5-V LVCMOS High-Performance Clock Buffer Family

CDCLVC1102 Datasheet (PDF)

Go To PDF Page Download Datasheet
CDCLVC1102 Datasheet PDF - Texas Instruments

Part # CDCLVC1102
Download  CDCLVC1102 Click to download

File Size   1382.64 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CDCLVC11xx 3.3-V and 2.5-V LVCMOS High-Performance Clock Buffer Family

CDCLVC1102 Datasheet (HTML) - Texas Instruments


CDCLVC1102 Product details

1 Features
1• High-Performance 1:2, 1:3, 1:4, 1:6, 1:8, 1:10,
1:12 LVCMOS Clock Buffer Family
• Very Low Pin-to-Pin Skew < 50 ps
• Very Low Additive Jitter < 100 fs
• Supply Voltage: 3.3 V or 2.5 V
• fmax = 250 MHz for 3.3 V
fmax = 180 MHz for 2.5 V
• Operating Temperature Range: –40°C to 85°C
• Available in 8-, 14-, 16-, 20-, 24-Pin TSSOP
Package (All Pin-Compatible)

2 Applications
General-Purpose Communication, Industrial, and
Consumer Applications

3 Description
The CDCLVC11xx is a modular, high-performance,
low-skew, general-purpose clock buffer family from
Texas Instruments.
The entire family is designed with a modular
approach in mind. It is intended to round up TI's
series of LVCMOS clock generators.
Seven different fan-out variations, 1:2 to 1:12, are
available. All of the devices are pin-compatible to
each other for easy handling.
All family members share the same high performing
characteristics such as low additive jitter, low skew,
and wide operating temperature range.
The CDCLVC11xx supports an asynchronous output
enable control (1G) which switches the outputs into a
low state when 1G is low.
The CDCLVC11xx family operates in a 2.5-V and
3.3-V environment and are characterized for
operation from –40°C to 85°C.




Similar Part No. - CDCLVC1102

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVC1102 TI-CDCLVC1102 Datasheet
223Kb / 9P
3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
CDCLVC1102 TI-CDCLVC1102 Datasheet
419Kb / 14P
3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
CDCLVC1102 TI1-CDCLVC1102 Datasheet
948Kb / 23P
3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
CDCLVC1102PW TI-CDCLVC1102PW Datasheet
419Kb / 14P
3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
CDCLVC1102PW TI1-CDCLVC1102PW Datasheet
948Kb / 23P
3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
More results


Similar Description - CDCLVC1102

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVC11XX TI-CDCLVC11XX Datasheet
223Kb / 9P
3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
CDCLVC11XX TI-CDCLVC11XX_1 Datasheet
419Kb / 14P
3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
CDCLVC11XX TI1-CDCLVC11XX_12 Datasheet
948Kb / 23P
3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
CDCLVC11XX TI1-CDCLVC11XX_14 Datasheet
906Kb / 23P
3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
LMK1C1104 TI1-LMK1C1104 Datasheet
1Mb / 20P
LMK1C110x 1.8-V, 2.5-V, and 3.3-V LVCMOS Clock Buffer Family
LMK1C1102 TI1-LMK1C1102 Datasheet
1Mb / 21P
LMK1C110x 1.8-V, 2.5-V, and 3.3-V LVCMOS Clock Buffer Family
LMK1C1106 TI-LMK1C1106 Datasheet
2Mb / 25P
LMK1C110x 1.8-V, 2.5-V, and 3.3-V LVCMOS Clock Buffer Family
LMK1C1102 TI-LMK1C1102_V01 Datasheet
1Mb / 26P
LMK1C110x 1.8-V, 2.5-V, and 3.3-V LVCMOS Clock Buffer Family
LMK1C1102 TI-LMK1C1102 Datasheet
1Mb / 26P
LMK1C110x 1.8-V, 2.5-V, and 3.3-V LVCMOS Clock Buffer Family
REVISED FEBRUARY 2022
logo
Renesas Technology Corp
MPC9456 RENESAS-MPC9456 Datasheet
451Kb / 14P
2.5 V and 3.3 V LVCMOS Clock Fanout Buffer
2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com