Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8760IPWPR.B Datasheet(PDF) 18 Page - Texas Instruments

Part # DAC8760IPWPR.B
Description  DACx760 Single-Channel, 12- and 16-Bit Programmable Current and Voltage Output Digital-to-Analog Converters for 4-mA to 20-mA Current-Loop Applications
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC8760IPWPR.B Datasheet(HTML) 18 Page - Texas Instruments

Back Button DAC8760IPWPR.B Datasheet HTML 14Page - Texas Instruments DAC8760IPWPR.B Datasheet HTML 15Page - Texas Instruments DAC8760IPWPR.B Datasheet HTML 16Page - Texas Instruments DAC8760IPWPR.B Datasheet HTML 17Page - Texas Instruments DAC8760IPWPR.B Datasheet HTML 18Page - Texas Instruments DAC8760IPWPR.B Datasheet HTML 19Page - Texas Instruments DAC8760IPWPR.B Datasheet HTML 20Page - Texas Instruments DAC8760IPWPR.B Datasheet HTML 21Page - Texas Instruments DAC8760IPWPR.B Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 69 page
background image
7.10 Typical Characteristics (continued)
at TA = 25°C (unless otherwise noted)
-0.012
-0.010
-0.008
-0.006
-0.004
-0.002
0.000
0.002
0.004
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature (0C)
“10 V range
“5 V range
+10 V range
+5 V range
C004
AVDD = +24 V
AVSS = -12 V
Output unloaded
Figure 7-27. VOUT Full-Scale Error vs Temperature
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature (0C)
+10 V range
+5 V range
C005
AVDD = +24 V
AVSS = -12 V
Output unloaded
Figure 7-28. Offset Error vs Temperature
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature (0C)
“10 V range
“5 V range
C006
AVDD = +24 V
AVSS = -12 V
Output unloaded
Figure 7-29. Bipolar Zero Error vs Temperature
-0.020
-0.016
-0.012
-0.008
-0.004
0.000
0.004
0.008
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature (0C)
“10 V range
“5 V range
+10 V range
+5 V range
AVDD = +24 V
AVSS = -12 V
Output unloaded
C007
Figure 7-30. Gain Error vs Temperature
-0.8
-0.4
0.0
0.4
0.8
1.2
1.6
2.0
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature (0C)
“10 V range
“5 V range
+10 V range
+5 V range
C008
AVDD = +24 V
AVSS = -12 V
Output unloaded
Figure 7-31. Zero-Scale Error vs Temperature
-0.010
-0.008
-0.006
-0.004
-0.002
0.000
0.002
0.004
0.006
0.008
0.010
-30 -25 -20 -15 -10
-5
0
5
10
15
20
25
30
Source / Sink Current (mA)
C010
AVDD = +12 V
AVSS = -12 V
±10 V range
Figure 7-32. VOUT (Full-Scale) vs Load Current (Source or Sink)
DAC7760, DAC8760
SBAS528D – JUNE 2013 – REVISED DECEMBER 2021
www.ti.com
18
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: DAC7760 DAC8760



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com