Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8760IPWPR.B Datasheet(PDF) 4 Page - Texas Instruments

Part # DAC8760IPWPR.B
Description  DACx760 Single-Channel, 12- and 16-Bit Programmable Current and Voltage Output Digital-to-Analog Converters for 4-mA to 20-mA Current-Loop Applications
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC8760IPWPR.B Datasheet(HTML) 4 Page - Texas Instruments

  DAC8760IPWPR.B Datasheet HTML 1Page - Texas Instruments DAC8760IPWPR.B Datasheet HTML 2Page - Texas Instruments DAC8760IPWPR.B Datasheet HTML 3Page - Texas Instruments DAC8760IPWPR.B Datasheet HTML 4Page - Texas Instruments DAC8760IPWPR.B Datasheet HTML 5Page - Texas Instruments DAC8760IPWPR.B Datasheet HTML 6Page - Texas Instruments DAC8760IPWPR.B Datasheet HTML 7Page - Texas Instruments DAC8760IPWPR.B Datasheet HTML 8Page - Texas Instruments DAC8760IPWPR.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 69 page
background image
Table 6-1. Pin Functions
PIN
TYPE
DESCRIPTION
NAME
PWP
(HTSSOP)
RHA
(VQFN)
ALARM
3
2
Digital output
Alarm pin. Open drain output. External pullup resistor required (10 kΩ). The
pin goes low (active) when the ALARM condition is detected (open circuit, over
temperature, timeout and so forth).
AVDD
24
36
Supply input
Positive analog power supply.
AVSS
1
14, 37
Supply input
Negative analog power supply in dual power-supply operation. Connects to GND
in single power-supply operation.
BOOST
20
27
Analog output Boost pin. External transistor connection (optional).
CAP1
—
28
Analog input Connection for current output filtering capacitor (optional).
CAP2
—
29
Analog input Connection for current output filtering capacitor (optional).
CLR
6
5
Digital input
Clear input. Logic high on this pin causes the part to enter CLEAR state. Active
high.
CLR-SEL
5
4
Digital input
Selects the VOUT value in CLEAR state, after power-on and reset.
CMP
17
24
Analog output
External compensation capacitor connection pin (optional). Addition of the
external capacitor (connected between VOUT and this pin) improves the stability
with high capacitive loads at the VOUT pin by reducing the bandwidth of the
output amplifier, thus increasing the settling time. If an external compensation
capacitor greater than 470 pF is used, connect an additional 100-pF capacitor
from CMP to GND.
DIN
9
8
Digital input
Serial data input. Data are clocked into the 24-bit input shift register on the rising
edge of the serial clock input. Schmitt-Trigger logic input.
DVDD
2
39
Supply input
or output
Digital power supply. Can be input or output, depending on DVDD-EN pin.
DVDD-EN
16
23
Digital input
Internal power-supply enable pin. Connect this pin to GND to disable the internal
supply, or leave this pin unconnected to enable the internal supply. When this pin
is connected to GND, an external supply must be connected to the DVDD pin.
GND
4
3,
Supply input
Ground reference point for all digital circuitry of the device. Connect to 0 V.
GND
11, 12
12, 13, 15
Supply input
Ground reference point for all analog circuitry of the device. Connect to 0 V.
HART-IN
18
25
Analog input Input pin for HART modulation.
IOUT
19
26
Analog output Current output pin
ISET-R
13
16
Analog input Connection pin for external precision resistor (15 kΩ); see Section 8.
LATCH
7
6
Digital input
Load DAC registers input. A rising edge on this pin loads the input shift register
data into the DAC data and control registers and updates the DAC outputs.
NC
—
1, 10, 11,
19, 20, 21,
22, 30, 31,
35, 38, 40
—
No connection.
REFOUT
14
17
Analog output Internal reference output. Connect to REFIN when using internal reference.
REFIN
15
18
Analog input Reference input
SCLK
8
7
Digital input
Serial clock input of serial peripheral interface (SPI). Data can be transferred at
rates up to 30 MHz. Schmitt-Trigger logic input.
SDO
10
9
Digital output Serial data output. Data are valid on the rising edge of SCLK.
Thermal
Pad
—
—
Supply input
The thermal pad is internally connected to the AVSS supply. For enhanced
thermal performance, thermally connect the pad to a copper plane. The pad
can be electrically connected to the same potential as the AVSS pin (either
negative supply voltage or GND) or left electrically unconnected provided a supply
connection is made at the AVSS pin. The AVSS pin must always be connected
to either the negative supply voltage or GND, independent of the thermal pad
connection.
VOUT
21
32
Analog output Voltage output pin. This is a buffered analog voltage output.
+VSENSE
22
33
Analog input Sense pin for the positive voltage output load connection.
–VSENSE
23
34
Analog input Sense pin for the negative voltage output load connection.
DAC7760, DAC8760
SBAS528D – JUNE 2013 – REVISED DECEMBER 2021
www.ti.com
4
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: DAC7760 DAC8760



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com