Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AJT175 Datasheet(PDF) 1 Page - Mersen

Part # AJT175
Description  MAXIMUM CIRCUIT PROTECTION
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERSEN [Mersen]
Direct Link  https://www.mersen.com/en
Logo MERSEN - Mersen

AJT175 Datasheet(HTML) 1 Page - Mersen

  AJT175 Datasheet HTML 1Page - Mersen AJT175 Datasheet HTML 2Page - Mersen  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MERSEN.COM
PF 14
RATINGS:
• Volts:
• 1-600A models:
600VAC, 400VDC
• 15-600A models:
700VAC (self certified)
• Amps: 1 to 600A
• IR: 200kA I.R. AC, 100kA I.R. DC
(Self certified for 600VAC,
300kA I.R., & 700VAC, 100kA I.R.)
APPLICATIONS:
• Motor circuits
• Mains
• Feeders
• Branch circuits
• Lighting, heating & general loads
• Transformers
• Control panels
• Circuit breaker back-up
• Bus duct
• Load centers
APPROVALS:
AJT (1-600)[N]:
• UL listed to standard 248-8
File E2137
• DC listed to UL standard 248
• CSA certified to standard
C22.2 No. 248.8
• IEC 60269-2-1
AJT (70-600) EI:
• UL listed
• DC tested to UL standard 248
Amp-Trap 2000® AJT fuses provide non-indication as well as a SmartSpot®
visual open fuse indicator. With advanced material technology the AJT
fuse provides IEC Type 2 No Damage protection to main, feeder, and
branch circuits, for all types of loads — yet, they require only half the
mounting space needed for 600VAC Class RK fuses. AJT’s time-delay
characteristics are ideal for handling typical motor and transformer inrush
currents, while also providing superior current-limiting ability.
FEATURES/BENEFITS:
• Non-indicating or solid state SmartSpot visual open fuse indicator
• Time-delay for motor starting and transformer inrush
• 300kA interrupting rating - self-certified, UL witnessed tests
• Extremely current-limiting for low peak let-thru current
• Non-indicating fuses suitable for use in NEC Class I Division 2 hazardous
locations1
• Recommended for Arc Flash energy reduction
• Small footprint requires less mounting space and allows smaller,
more economical fuse blocks
• Easy 2-to-1 selectivity for prevention of nuisance shutdowns
• Unique Class J dimensions prevent replacement errors
• High-visibility orange label gives instant brand recognition
• Metal-embossed date and catalog number for traceability and
lasting identification
• Fiberglass body provides dimensional stability in harsh environments
• High-grade silica filler ensures fast arc quenching
• Optional EI open fuse indicator/switch mount for AJT70 to 600
1.
Mersen highly recommends installation in Class I Division 2 certified sealed enclosure.
AJT
Time Delay/Class J
UL/CSA LISTED POWER FUSES
MAXIMUM CIRCUIT PROTECTION


Similar Part No. - AJT175

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
AJT150 ASI-AJT150 Datasheet
17Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV.A
More results

Similar Description - AJT175

ManufacturerPart #DatasheetDescription
logo
AMETHERM Circuit Protec...
MS225R015 AMETHERM-MS225R015 Datasheet
34Kb / 1P
Circuit Protection Thermistors
MS320R536 AMETHERM-MS320R536 Datasheet
153Kb / 1P
Circuit Protection Thermistors
MS325R020 AMETHERM-MS325R020 Datasheet
153Kb / 1P
Circuit Protection Thermistors
MS351R040 AMETHERM-MS351R040 Datasheet
28Kb / 1P
Circuit Protection Thermistors
NT0350052 AMETHERM-NT0350052 Datasheet
31Kb / 2P
Circuit Protection Thermistors
NT0350169 AMETHERM-NT0350169 Datasheet
31Kb / 2P
Circuit Protection Thermistors
NT0510169 AMETHERM-NT0510169 Datasheet
32Kb / 2P
Circuit Protection Thermistors
NT0510311 AMETHERM-NT0510311 Datasheet
32Kb / 2P
Circuit Protection Thermistors
logo
List of Unclassifed Man...
5504S ETC1-5504S Datasheet
154Kb / 2P
CIRCUIT PROTECTION
logo
Weidmuller
9101403500 WEIDMULLER-9101403500 Datasheet
503Kb / 2P
Circuit Protection Circuit Break ers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com