Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AJT175 Datasheet(PDF) 2 Page - Mersen

Part # AJT175
Description  MAXIMUM CIRCUIT PROTECTION
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERSEN [Mersen]
Direct Link  https://www.mersen.com/en
Logo MERSEN - Mersen

AJT175 Datasheet(HTML) 2 Page - Mersen

  AJT175 Datasheet HTML 1Page - Mersen AJT175 Datasheet HTML 2Page - Mersen  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MERSEN.COM
PF 15
UL/CSA LISTED
POWER FUSES
Class J
AJT Time Delay
CATALOG NUMBERS (AMPS)
1-7A: Non-indicating only;
SmartSpot visual indicator
not available
8-600A: Non-indicating and SmartSpot
versions available
For non-indicating, add suffix 'N' to catalog
number. Ex.: AJT30 (indicating);
AJT30N (non-indicating).
AJT1N
AJT3-2/10N
AJT8
AJT45
AJT200
AJT1-1/4N
AJT3-1/2N
AJT9
AJT50
AJT225
AJT1-1/2N
AJT4N
AJT10
AJT60
AJT250
AJT1-6/10N
AJT4-1/2N
AJT12
AJT70
AJT300
AJT1-8/10N
AJT5N
AJT15
AJT80
AJT350
AJT2N
AJT5-6/10N
AJT17-1/2
AJT90
AJT400
AJT2-1/4N
AJT6N
AJT20
AJT100
AJT450
AJT2-1/2N
AJT6-1/4N
AJT25
AJT110
AJT500
AJT2-8/10N
AJT7N
AJT30
AJT125
AJT600
AJT3N
AJT35
AJT150
AJT40
AJT175
RECOMMENDED FUSE BLOCKS WITH
BOX CONNECTORS FOR AMP-TRAP®
CLASS J FUSES
A variety of pole configurations and termination
provisions are available. Refer to Section FB for details.
1-60A
70-600A
OPTIONAL INDICATOR/MICROSWITCH MOUNT (EI) DIMENSIONS:
Note: Fuses with the EI option are
designed to work with the AOS-S
or AOS-Q add-on switch (ordered
separately).
DIMENSIONS
Catalog Number
A
AJT (70-100)-EI
2.8 in
(71.0 mm)
AJT (110-200)-EI
3.22 in
(81.8 mm)
AJT (225-400)-EI
3.24 in
(82.2 mm)
AJT (450-600)-EI
3.61 in
(91.8 mm)
Ampere
Rating
A
B
C
D
E
F
G
H
in
mm
in
mm
in
mm
in
mm
in
mm
in
mm
in
mm
in
mm
1-30
2-1/4
57
13/16
21
-
-
-
-
-
-
-
-
-
-
-
-
31-60
2-3/8
60
1-1/16
27
-
-
-
-
-
-
-
-
-
-
-
-
61-100
4-5/8
117
1-1/16
27
1/8
3.2
3/4
19
1
25
3-5/8
92
3/8
10
9/32
7
101-200
5-3/4
146
1-5/8
41
3/16
4.8
1-1/8
29
1-3/8
35
4-3/8
111
3/8
10
9/32
7
201-400
7-1/8
181
2-1/8
54
1/4
6.3
1-5/8
41
1-7/8
48
5-1/4
133
17/32
14
13/32
10
401-600
8
203
2-1/2
64
3/8
9.5
2
51
2-1/8
54
6
152
11/16
18
17/32
13
Fuse Ampere
Rating
Catalog Number
600V or Less
1 Pole
3 Pole
0-30
US3J1I
US3J3I
31-60
US6J1I
US6J3I
61-100
FB60J100B1 FB60J100B3
101-200
62001J
62003J
201-400
64031J
64033J
401-600
6631J
6633J



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com