Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9733XP Datasheet(PDF) 14 Page - STMicroelectronics

Part # L9733XP
Description  Automotive octal self configuring low/high side driver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9733XP Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L9733XP Datasheet HTML 10Page - STMicroelectronics L9733XP Datasheet HTML 11Page - STMicroelectronics L9733XP Datasheet HTML 12Page - STMicroelectronics L9733XP Datasheet HTML 13Page - STMicroelectronics L9733XP Datasheet HTML 14Page - STMicroelectronics L9733XP Datasheet HTML 15Page - STMicroelectronics L9733XP Datasheet HTML 16Page - STMicroelectronics L9733XP Datasheet HTML 17Page - STMicroelectronics L9733XP Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
Electrical performance characteristics
L9733
14/35
DocID11319 Rev 12
3.2
AC characteristics
Tamb = -40 to 125 °C, Vdd = 4.5 to 5.5 Vdc, Vbat = 4.5 to 18 Vdc, unless otherwise specified
RdsonDrn1-8(1)
On resistance
(Drn to SRC1-8)
@ +125 °C @ IDRN = 350 mA
-
-
1.2
Ω
@ +25 °C @ IDRN = 350 mA
-
-
0.7
Ω
@ -40 °C @ IDRN = 350 mA
-
-
0.5
Ω
Drn1-8ther(2)
Thermal shutdown
temperature
DI = ACFFh, IDrn1-8 = 1 mA,
SRC1 – SRC8 = GND, Increase
temperature until Drn1 - Drn8 > 2
VDC, Verify DO Bits 0-15 are ”Set”
151
-
200
°C
Drn1-8hyst(2) Hysteresis
Drn1 - Drn8 < 2 VDC
5
-
15
°C
1. RdsonDrn1-8  1.2 Ω; at Vbat between 3.5 V and 27 V and T between -40 °C and 150 °C
2. Design Information, not tested.
Table 6. DC characteristics (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Table 7. AC characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
TfiltDRN1-8
DRN1 - DRN8
Open load & short to
GND filter time (low-side)
(Latch mode)
DI = AC00h, DI = A3FFh
SRC1 – SRC8 = GND
300
-
900
μs
TfiltSRC1-8
SRC1 - SRC8
Open load & short to
Vbat filter time
(high-side)
(Latch mode)
DI = AC00h, DI = A3FFh
DRN1 – DRN8 = Vb
300
-
900
μs
TdelDRN1-8
DRN1 - DRN8
Overcurrent switch off
delay
(low-side)
DI = ACFFh, DI = AA00h
SRC1 – SRC8 = GND
10
-
75
μs
TdelSRC1-8
SRC1 - SRC8
Overcurrent switch off
delay
(high-side)
DI = ACFFh, DI = AA00h
DRN1 – DRN8 = Vb
10
-
75
μs
Tres
Restart time after
overcurrent switch off
time (Int)
DI = ACFFh, DI = AA00h
120
-
450
ms
Drn1-8htol
Slew rate
turn on
Outputs loaded as Figure 4
See Figure 2
See Figure 2
0.65
-
1.95
V/μs
Drn1-8ltoh
Turn off (low-side)
0.5
-
1.5
V/μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com