Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9733XP Datasheet(PDF) 33 Page - STMicroelectronics

Part # L9733XP
Description  Automotive octal self configuring low/high side driver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9733XP Datasheet(HTML) 33 Page - STMicroelectronics

Back Button L9733XP Datasheet HTML 27Page - STMicroelectronics L9733XP Datasheet HTML 28Page - STMicroelectronics L9733XP Datasheet HTML 29Page - STMicroelectronics L9733XP Datasheet HTML 30Page - STMicroelectronics L9733XP Datasheet HTML 31Page - STMicroelectronics L9733XP Datasheet HTML 32Page - STMicroelectronics L9733XP Datasheet HTML 33Page - STMicroelectronics L9733XP Datasheet HTML 34Page - STMicroelectronics L9733XP Datasheet HTML 35Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 33 / 35 page
background image
DocID11319 Rev 12
33/35
L9733
Package information
34
Table 13. PowerSSO-28 (exposed pad) package mechanical data
Ref
Dimensions
Millimeters
Inches(1)
1. Values in inches are converted from mm and rounded to 4 decimal digits.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
2.15
-
2.45
0.0846
-
0.0965
A2
2.15
-
2.35
0.0846
-
0.0925
a1
-
-
0.1
-
-
0.0039
b
0.18
-
0.36
0.0071
-
0.0142
c
0.23
-
0.32
0.0091
-
0.0126
D (2)
2. "D” and “E" do not include mold flash or protrusions Mold flash or protrusions shall not exceed 0.15 mm per
side (0.006”).
10.1
-
10.50
0.3976
-
0.4134
E (2)
7.4
-
7.6
0.2913
-
0.2992
e
-
0.65
-
-
0.0256
-
e3
-
8.45
-
-
0.3327
-
F
-
2.3
-
-
0.0906
-
G
-
-
0.1
-
-
0.0039
G1
-
-
0.06
-
-
0.0024
H
10.1
-
10.5
0.3976
-
0.4134
h
-
-
0.4
-
-
0.0157
k
5° (Typ.)
L
0.6
-
1
0.0236
-
0.0394
M
-
4.3
-
-
0.1693
-
N
10° (Max.)
O
-
1.2
-
-
0.0472
-
Q
-
0.8
-
-
0.0315
-
S
-
2.9
-
-
0.1142
-
T
-
3.65
-
-
0.1437
-
U
-
1
-
-
0.0394
-
X
4.2
-
4.8
0.1654
-
0.1890
Y
6.6
-
7.2
0.2598
-
0.2835



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com