Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9953XP Datasheet(PDF) 25 Page - STMicroelectronics

Part # L9953XP
Description  Door actuator driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9953XP Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L9953XP Datasheet HTML 21Page - STMicroelectronics L9953XP Datasheet HTML 22Page - STMicroelectronics L9953XP Datasheet HTML 23Page - STMicroelectronics L9953XP Datasheet HTML 24Page - STMicroelectronics L9953XP Datasheet HTML 25Page - STMicroelectronics L9953XP Datasheet HTML 26Page - STMicroelectronics L9953XP Datasheet HTML 27Page - STMicroelectronics L9953XP Datasheet HTML 28Page - STMicroelectronics L9953XP Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
L9953 / L9953XP
Functional description of the SPI
Doc ID 14278 Rev 4
25/38
4.9
Test mode
The Test Mode can be entered by rising the CSN input to a voltage higher than 9.5V. In the
test mode the inputs CLK, DI, PWM1/2, the internal 2MHz CLK, OL and OC can be
multiplexed to output DO and Iref, Tsens1-4 and Vbgp can be multiplexed to input
CM/PWM2.
Furthermore the over-current thresholds are reduced by a factor of 4 to allow EWS testing at
lower current.
The internal logic prevents that the High-Side and Low-Side driver of the same half-bridge
can be switched-on at the same time. In the test mode this combination is used to multiplex
the desired signals according to following table:
Table 18.
Test mode
OUT1
PWM
1 EN
OUT2
PWM
1 EN
OUT3
PWM
1 EN
OUT4
PWM
1 EN
OUT5
PWM
1 EN
OUT6
PWM
1 EN
DO
LS3
HS3
LS4
HS4
LS5
HS5
Test Pad
! (both HI)
! (both HI)
! (both HI)
NoError
! (both HI)
! (both HI)
! (both HI)
5µA Iref
both HI
! (both HI)
! (both HI)
DI
both HI
! (both HI)
! (both HI)
Tsens1
! (both HI)
both HI
! (both HI)
CLK
! (both HI)
both HI
! (both HI)
Tsens2
both HI
both HI
! (both HI)
INT_CLK
both HI
both HI
! (both HI)
Tsens3
! (both HI)
! (both HI)
both HI
PWM1
! (both HI)
! (both HI)
both HI
Tsens4
both HI
! (both HI)
both HI
PWM2
both HI
! (both HI)
both HI
x
! (both HI)
both HI
both HI
OL
! (both HI)
both HI
both HI
x
both HI
both HI
both HI
OC
both HI
both HI
both HI
Vbandgap



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com