Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9953XP Datasheet(PDF) 33 Page - STMicroelectronics

Part # L9953XP
Description  Door actuator driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9953XP Datasheet(HTML) 33 Page - STMicroelectronics

Back Button L9953XP Datasheet HTML 29Page - STMicroelectronics L9953XP Datasheet HTML 30Page - STMicroelectronics L9953XP Datasheet HTML 31Page - STMicroelectronics L9953XP Datasheet HTML 32Page - STMicroelectronics L9953XP Datasheet HTML 33Page - STMicroelectronics L9953XP Datasheet HTML 34Page - STMicroelectronics L9953XP Datasheet HTML 35Page - STMicroelectronics L9953XP Datasheet HTML 36Page - STMicroelectronics L9953XP Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
L9953 / L9953XP
Package and packing information
Doc ID 14278 Rev 4
33/38
6.3
PowerSSO-36™ package information
Figure 12.
PowerSSO-36™ package dimensions
Table 22.
PowerSSO-36™ mechanical data
Symbol
Millimeters
Min.
Typ.
Max.
A-
-
2.45
A2
2.15
-
2.35
a1
0
-
0.1
b0.18
-
0.36
c0.23
-
0.32
D *
10.10
-
10.50
E *
7.4
-
7.6
e-
0.5
-
e3
-
8.5
-
F-
2.3
-
G-
-
0.1
G1
-
-
0.06
H10.1
-
10.5
h-
-
0.4
k0°
-
8°
L0.55
-
0.85
N-
-
10 deg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com