Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9954 Datasheet(PDF) 13 Page - STMicroelectronics

Part # L9954
Description  Door actuator driver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9954 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L9954 Datasheet HTML 9Page - STMicroelectronics L9954 Datasheet HTML 10Page - STMicroelectronics L9954 Datasheet HTML 11Page - STMicroelectronics L9954 Datasheet HTML 12Page - STMicroelectronics L9954 Datasheet HTML 13Page - STMicroelectronics L9954 Datasheet HTML 14Page - STMicroelectronics L9954 Datasheet HTML 15Page - STMicroelectronics L9954 Datasheet HTML 16Page - STMicroelectronics L9954 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
L9954 / L9954XP
Electrical specifications
Doc ID 14279 Rev 4
13/37
2.5
SPI - electrical characteristics
(VS = 8 to 16V, VCC = 4.5 to 5.3V, Tj = - 40 to 150°C, unless otherwise specified. The
voltages are referred to GND and currents are assumed positive, when the current flows
into the pin).
IQLL
Switched-off output
current lowside drivers of
OUT1-3
VOUT1-3= VS, standby
mode
080
120
µA
VOUT1-3= VS, active mode
-40
-15
0
µA
IOLD123
Open load detection
current of OUT1, OUT2
and OUT3
Source and sink
15
40
60
mA
IOLD45
Open load detection
current of OUT4 and
OUT5
Source and sink
15
40
60
mA
IOLD6
Open load detection
current of OUT6
Source
30
150
300
mA
td OL
Minimum duration of
open load condition to set
the status bit
500
3000
µs
tISC
Minimum duration of
over-current condition to
switch off the driver
10
100
µs
frec0
Recovery frequency for
OC recovery duty cycle
bit=0
14
kHz
frec1
Recovery frequency for
OC recovery duty cycle
bit=1
26
kHz
dVOUT123/dt
dVOUT45/dt
Slew rate of OUT123 and
OUT 45
VS =13.5 V
Rload = 16.8 Ω
0.08
0.2
0.4
V/µs
dVOUT6/dt Slew rate of OUT6
VS =13.5 V
Rload = 4.5 Ω
0.08
0.2
0.4
V/µs
1.
tCC ON is the switch on delay time td ON if complement in half bridge has to switch Off.
Table 11.
OUT1 - OUT6 (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Table 12.
Delay time from standby to active mode
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
tset
Delay time
Switching from standby to active mode.
Time until output drivers are enabled
after CSN going to high.
160
300
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com