Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9954 Datasheet(PDF) 27 Page - STMicroelectronics

Part # L9954
Description  Door actuator driver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9954 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L9954 Datasheet HTML 23Page - STMicroelectronics L9954 Datasheet HTML 24Page - STMicroelectronics L9954 Datasheet HTML 25Page - STMicroelectronics L9954 Datasheet HTML 26Page - STMicroelectronics L9954 Datasheet HTML 27Page - STMicroelectronics L9954 Datasheet HTML 28Page - STMicroelectronics L9954 Datasheet HTML 29Page - STMicroelectronics L9954 Datasheet HTML 30Page - STMicroelectronics L9954 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
L9954 / L9954XP
Functional description of the SPI
Doc ID 14279 Rev 4
27/37
Table 19.
SPI - input data and status registers 1
Bit
Input register 1 (write)
Status register 1 (read)
Name
Comment
Name
Comment
23
Enable bit
If Enable bit is set the device
will be switched in active
mode. If Enable Bit is cleared
device goes into standby mode
and all bits are cleared. After
power-on reset device starts in
standby mode.
Always 1
A broken VCC-or SPI-
connection of the L9954
can be detected by the
microcontroller, because
all 24 bits low or high is
not a valid frame.
22
OUT6 OC
Recovery
Enable
In case of an over-current
event the over-current status
bit (Status Register 0) is set
and the output is switched off.
If the over-current Recovery
Enable bit is set the output will
be automatically reactivated
after a delay time resulting in a
PWM modulated current with a
programmable duty cycle (Bit
21 of Input Data Register 0).
Depending on occurrence of
Overcurrent Event and internal
clock phase it is possible that
one recovery cycle is executed
even if this bit is set to zero.
VS overvoltage
In case of an overvoltage
or undervoltage event
the corresponding bit is
set and the outputs are
deactivated. If Vs voltage
recovers to normal
operating conditions
outputs are reactivated
automatically.
21
x (don’t care)
VS undervoltage
20
OUT5 OC
Recovery
Enable
Thermal shutdown
In case of a thermal
shutdown all outputs are
switched off. The
microcontroller has to
clear the TSD bit by
setting the Reset Bit to
reactivate the outputs.
19
OUT4 OC
Recovery
Enable
Temperature
warning
The TW bit can be used
for thermal management
by the microcontroller to
avoid a thermal
shutdown. The
microcontroller has to
clear the TW bit.
18
x (don’t care)
Not ready bit
After switching the
device from standby
mode to active mode an
internal timer is started to
allow chargepump to
settle before the outputs
can be activated. This bit
is only present during
start up time.
Since this bit is
controlled by internal
clock it can be used for
synchronizing testing
events(e.g. measuring
filter times).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com