Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9954TR Datasheet(PDF) 6 Page - STMicroelectronics

Part # L9954TR
Description  Door actuator driver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9954TR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L9954TR Datasheet HTML 2Page - STMicroelectronics L9954TR Datasheet HTML 3Page - STMicroelectronics L9954TR Datasheet HTML 4Page - STMicroelectronics L9954TR Datasheet HTML 5Page - STMicroelectronics L9954TR Datasheet HTML 6Page - STMicroelectronics L9954TR Datasheet HTML 7Page - STMicroelectronics L9954TR Datasheet HTML 8Page - STMicroelectronics L9954TR Datasheet HTML 9Page - STMicroelectronics L9954TR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
Block diagram and pin description
L9954 / L9954XP
6/37
Doc ID 14279 Rev 4
1
Block diagram and pin description
Figure 1.
Block diagram
Table 2.
Pin definitions and functions
Pin
Symbol
Function
1, 18, 19, 36
GND
Ground :
Reference potential
Important: for the capability of driving the full current at the outputs all
pins of GND must be externally connected.
2, 35
OUT6
Highside-driver-output 6
The output is built by a highside switch and is intended for resistive
loads, hence the internal reverse diode from GND to the output is
missing. For ESD reason a diode to GND is present but the energy
which can be dissipated is limited. The highside driver is a power
DMOS transistor with an internal parasitic reverse diode from the
output to VS (bulk-drain-diode). The output is over-current and open
load protected.
Important: for the capability of driving the full current at the outputs both
pins of OUT6 must be externally connected.
OUT1
OUT2
OUT3
OUT6
M
M
Charge
Pump
PWM2 / CM
CSN
CLK
DO
DI
VS
VCC
VCC
V
BAT
µC
GND
Mirror Common
Mirror Vertical
Mirror Horizontal
Lock / Folder
1k
MUX
4
Defroster
PWM1
OUT4
OUT5
1k
1k
1k
1k
1k
* Note: Value of capacitor has to be choosen carefully to limit the VS voltage below absolute
maximum ratings in case of an unexpected freewheeling condition (e.g. TSD, POR)
*
** Note: Resistors between µC and L9954LXP are recommended to limit currents
for negative voltage transients at VBAT (e.g. ISO type 1 pulse)
Reverse Polarity
Protection
**
**
**
**
**
**
100µF
Programmable
Bulb (10W) or
LED Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com