Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9954TR Datasheet(PDF) 12 Page - STMicroelectronics

Part # L9954TR
Description  Door actuator driver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9954TR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L9954TR Datasheet HTML 8Page - STMicroelectronics L9954TR Datasheet HTML 9Page - STMicroelectronics L9954TR Datasheet HTML 10Page - STMicroelectronics L9954TR Datasheet HTML 11Page - STMicroelectronics L9954TR Datasheet HTML 12Page - STMicroelectronics L9954TR Datasheet HTML 13Page - STMicroelectronics L9954TR Datasheet HTML 14Page - STMicroelectronics L9954TR Datasheet HTML 15Page - STMicroelectronics L9954TR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
Electrical specifications
L9954 / L9954XP
12/37
Doc ID 14279 Rev 4
Table 11.
OUT1 - OUT6
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
rON OUT1,
rON OUT2
rON OUT3
On-resistance to supply
or GND
VS = 13.5 V, Tj = 25 °C,
IOUT1,2,3 = ± 0.8A
800
1100
m
Ω
VS = 13.5 V, Tj = 125 °C,
IOUT1,2,3 = ± 0.8 A
1250
1700
m
Ω
rON OUT4,
rON OUT5
On-resistance to supply
VS = 13.5 V, Tj = 25 °C,
IOUT4,5 = −0.8 A
500
700
m
Ω
VS = 13.5 V, Tj = 125 °C,
IOUT4,5 = −0.8 A
700
950
m
Ω
rON OUT6 On-resistance to supply
VS = 13.5 V, Tj = 25 °C,
IOUT6 = − 3 A
100
150
m
Ω
VS = 13.5 V, Tj = 125 °C,
IOUT6 = −3 A
150
200
m
Ω
IOUT1
IOUT2
IOUT3
Output current limitation
to GND
Source, VS=13.5 V
-3.0
-1.5
A
IOUT1
IOUT2
IOUT3
Output current limitation
to supply
Sink, VS=13.5 V
1.5
3.0
A
IOUT4
IOUT5
Output current limitation
to GND
Source, VS=13.5 V
-3.0
-1.5
A
IOUT6
Output current limitation
to GND
Source, VS=13.5 V
-10.5
-6
A
td ON H
Output delay time,
highside driver On
VS=13.5 V,
corresponding lowside
driver is not active
20
40
80
µs
td OFF H
Output delay time,
highside driver Off
VS=13.5 V
50
150
300
µs
td ON L
Output delay time,
lowside driver On
VS=13.5 V,
corresponding highside
driver is not active
15
30
70
µs
td OFF L
Output delay time,
lowside driver Off
VS=13.5 V
80
150
300
µs
td HL
Cross current protection
time, source to sink
tCC ONLS_OFFHS - td OFF H
(1)
200
400
µs
td LH
Cross current protection
time, sink to source
tCC ONHS_OFFLS - td OFF L
(1)
200
400
µs
IQLH
Switched-off output
current highside drivers of
OUT1-6
VOUT1-6= 0V, standby
mode
0-2
-5
µA
VOUT1-6= 0V, active mode
-40
-15
0
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com