Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP23AB01DM Datasheet(PDF) 1 Page - STMicroelectronics

Part # MP23AB01DM
Description  High-performance MEMS audio sensor: fully differential analog bottom-port microphone
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MP23AB01DM Datasheet(HTML) 1 Page - STMicroelectronics

  MP23AB01DM Datasheet HTML 1Page - STMicroelectronics MP23AB01DM Datasheet HTML 2Page - STMicroelectronics MP23AB01DM Datasheet HTML 3Page - STMicroelectronics MP23AB01DM Datasheet HTML 4Page - STMicroelectronics MP23AB01DM Datasheet HTML 5Page - STMicroelectronics MP23AB01DM Datasheet HTML 6Page - STMicroelectronics MP23AB01DM Datasheet HTML 7Page - STMicroelectronics MP23AB01DM Datasheet HTML 8Page - STMicroelectronics MP23AB01DM Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
This is information on a product in full production.
April 2016
DocID029230 Rev 1
1/13
MP23AB01DM
High-performance MEMS audio sensor:
fully differential analog bottom-port microphone
Datasheet
- production data
Features
 Single supply voltage operation
 Fully differential output
 Omnidirectional sensitivity
 High signal-to-noise ratio
 High bandwidth
 High acoustic overload point
 Package compliant with reflow soldering
 High RF immunity
Description
The MP23AB01DM is a compact, low-power
microphone built with a capacitive sensing
element and an IC interface.
The sensing element, capable of detecting
acoustic waves, is manufactured using a
specialized silicon micromachining process to
produce audio sensors.
The MP23AB01DM has an acoustic overload
point of 130 dBSPL with a typical 64 dB signal-to-
noise ratio.
The MP23AB01DM has fully differential output in
order to minimize common-mode noise.
The sensitivity of MP23AB01DM is -38 dBV
±3 dB @ (0 dB = 1 V/Pa), 1 kHz.
The MP23AB01DM is available in a package
compliant with reflow soldering and is guaranteed
to operate over an extended temperature range
from -40 °C to +85 °C.
RHLGA metal cap 4-lead
3.35 x 2.5 x 0.98 mm
Table 1. Device summary
Order code
Temperature range (
C)
Package
Packing
MP23AB01DM
-40 to +85
(3.35 x 2.5 x 0.98) mm
Tray
MP23AB01DMTR
-40 to +85
(3.35 x 2.5 x 0.98) mm
Tape and reel
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - MP23AB01DM

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MP23AB01DH STMICROELECTRONICS-MP23AB01DH Datasheet
278Kb / 12P
Omnidirectional sensitivity
17-Nov-2016
MP23AB01DH STMICROELECTRONICS-MP23AB01DH Datasheet
274Kb / 12P
High-performance MEMS audio sensor: fully differential analog bottom-port microphone
31-Aug-2017
MP23AB01DHTR STMICROELECTRONICS-MP23AB01DHTR Datasheet
274Kb / 12P
High-performance MEMS audio sensor: fully differential analog bottom-port microphone
31-Aug-2017
MP23AB01DH STMICROELECTRONICS-MP23AB01DH_V01 Datasheet
274Kb / 12P
High-performance MEMS audio sensor: fully differential analog bottom-port microphone
31-Aug-2017
More results

Similar Description - MP23AB01DM

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MP33AB01H STMICROELECTRONICS-MP33AB01H Datasheet
459Kb / 13P
MEMS audio surface-mount bottom-port silicon microphone with analog output
10-Oct-2013
logo
Cirrus Logic
CS7331 CIRRUS-CS7331 Datasheet
168Kb / 10P
Miniature Bottom Port Analog MEMS Microphone
WM7132 CIRRUS-WM7132 Datasheet
727Kb / 12P
Bottom Port Analog Silicon Microphone
WM7331 CIRRUS-WM7331 Datasheet
787Kb / 12P
Bottom Port Analog Silicon Microphone
CS7331P CIRRUS-CS7331P Datasheet
174Kb / 11P
Miniature Bottom Port Analog MEMS Microphone
WM7132PE CIRRUS-WM7132PE Datasheet
727Kb / 12P
Bottom Port Analog Silicon Microphone
logo
TDK Electronics
UG-126 TDK-UG-126 Datasheet
140Kb / 2P
Bottom Port Analog MEMS Microphone Evaluation Board
logo
PUI audio inc.
PMM-3738-VM1000-R PUIAUDIO-PMM-3738-VM1000-R Datasheet
780Kb / 7P
Low-Noise Bottom Port Piezoelectric MEMS Microphone
logo
STMicroelectronics
MP23ABS1 STMICROELECTRONICS-MP23ABS1 Datasheet
568Kb / 15P
High-performance MEMS audio sensor: single-ended analog bottom-port microphone
28-Oct-2020
MP23DB02MM STMICROELECTRONICS-MP23DB02MM Datasheet
1Mb / 15P
MEMS audio sensor: digital microphone with multiple performance modes
07-Mar-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com