Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP23AB01DM Datasheet(PDF) 4 Page - STMicroelectronics

Part # MP23AB01DM
Description  High-performance MEMS audio sensor: fully differential analog bottom-port microphone
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MP23AB01DM Datasheet(HTML) 4 Page - STMicroelectronics

  MP23AB01DM Datasheet HTML 1Page - STMicroelectronics MP23AB01DM Datasheet HTML 2Page - STMicroelectronics MP23AB01DM Datasheet HTML 3Page - STMicroelectronics MP23AB01DM Datasheet HTML 4Page - STMicroelectronics MP23AB01DM Datasheet HTML 5Page - STMicroelectronics MP23AB01DM Datasheet HTML 6Page - STMicroelectronics MP23AB01DM Datasheet HTML 7Page - STMicroelectronics MP23AB01DM Datasheet HTML 8Page - STMicroelectronics MP23AB01DM Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Acoustic and electrical specifications
MP23AB01DM
4/13
DocID029230 Rev 1
2
Acoustic and electrical specifications
2.1
Acoustic and electrical characteristics
The values listed in the tables below are specified for Vdd = 2.7 V, no load, Tamb = 25 °C
unless otherwise specified.
Table 3. Acoustic and electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.(1)
1. Typical specifications are not guaranteed
Max.
Unit
Vdd
Supply voltage(2)
2. Minimum supply 2.1 V
2.1
3.6
V
Idd
Current consumption
250
μA
So
Sensitivity
@ 1 kHz (0dB =1V/Pa)
-41
-38
-35
dBV
SNR
Signal-to-noise ratio
A-weighted
64
dB(A)
PSR
Power Supply Rejection
20 Hz - 20 kHz,
100 mVpp sine wave
-85
dB
AOP
Acoustic Overload Point
125
130
dBSPL
Zout
Output Impedance
400
Cload
Load capacitance
300
pF
Rload
Load resistance
10
k
Top
Operating temperature range
-40
+85
°C
Table 4. Typical distortion specifications at 1 kHz sine wave input
Parameter
Test condition
Typ. value
THD+N
94 dBSPL
< 0.5%
120 dBSPL
< 4%
130 dBSPL
< 10%
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com