Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA335BWQS Datasheet(PDF) 64 Page - STMicroelectronics

Part # STA335BWQS
Description  2.1-channel high-efficiency digital audio system with QSound QHD
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA335BWQS Datasheet(HTML) 64 Page - STMicroelectronics

Back Button STA335BWQS Datasheet HTML 60Page - STMicroelectronics STA335BWQS Datasheet HTML 61Page - STMicroelectronics STA335BWQS Datasheet HTML 62Page - STMicroelectronics STA335BWQS Datasheet HTML 63Page - STMicroelectronics STA335BWQS Datasheet HTML 64Page - STMicroelectronics STA335BWQS Datasheet HTML 65Page - STMicroelectronics STA335BWQS Datasheet HTML 66Page - STMicroelectronics STA335BWQS Datasheet HTML 67Page - STMicroelectronics STA335BWQS Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 72 page
background image
Application
STA335BWQS
64/72
8
Application
8.1
Application and power supplies
Figure 21 below shows the circuit diagram of a typical application for STA335BWQS.
Particular care has to be given to the layout of the PCB, especially the power supplies. The
3.3-
Ω resistors on the digital supplies (VDD_DIG) have to be placed as close as possible to
the device. This helps to prevent unwanted oscillation on the digital portion of the device due
to inductive tracks of the PCB. This same rule also applies to all the decoulpling capacitors
in order to limit any kind of spikes on the supplies.
Figure 21.
Application schematic
8.2
PLL filter
It is recommended to use the schematic and values in Figure 22 below for the PLL loop
filter. In order to achieve the best performance from the device in general applications the
filter ground (PLL_GND) must be connected as close as possible to the device pin
PLL_GND. Concerning the component values, please take into account that the greater is
the filter bandwidth, the less is the lock time but the higher is the PLL output jitter.
Figure 22.
PLL application schematic
100nF
1000uF 35V
1nF
SCL
SDA
RESET
VCC
RESET
100nF
TW
EAPD
3V3
1uF 35V
100nF
100nF
1uF 35V
INTL
100nF
100nF
3V3
3V3
3R3
DDX3B
DDX3A
3R3
LRCKI
PWDN
3V3
OUT2B
XTI
BICKI
OUT2A
GND_SUB
1
SA
2
TEST_MODE
3
VSS
4
VCC_REG
5
OUT2B
6
GND2
7
VCC2
8
OUT2A
9
OUT1B
10
VCC1
11
GND1
12
OUT1A
13
GND_REG
14
VDD
15
CONFIG
16
DDX3B
17
DDX3A
18
EAPD/4B
19
TWARN/4A
20
VDD_DIG
21
GND_DIG
22
PWRDN
23
VDD_PLL
24
FILTER_PLL
25
PLL_GND
26
XTI
27
BICKI
28
LRCKI
29
SDI
30
RESET
31
INT_LINE
32
SDA
33
SCL
34
GND_DIG
35
VDD_DIG
36
OUT1B
DATA
PLL_FILT
OUT1A
10K
100nF
1000uF 35V
1nF
SCL
SDA
RESET
VCC
RESET
100nF
100nF
OUT2A
GND_SUB
1
SA
2
TEST_MODE
3
VSS
4
VCC_REG
5
OUT2B
6
GND2
7
VCC2
8
OUT2A
9
OUT1B
10
VCC1
11
GND1
12
OUT1A
13
GND_REG
14
VDD
15
CONFIG
16
DDX3B
17
DDX3A
18
EAPD/4B
19
TWARN/4A
20
VDD_DIG
21
GND_DIG
22
PWRDN
23
VDD_PLL
24
FILTER_PLL
25
PLL_GND
26
XTI
27
BICKI
28
LRCKI
29
SDI
30
RESET
31
INT_LINE
32
SDA
33
SCL
34
GND_DIG
35
VDD_DIG
36
OUT1B
DATA
PLL_FILT
OUT1A
10K
BEAD
BEAD
PLL_GND
GND_DIG
GND_DIG
GND_DIG
GND_DIG
100nF
1000uF 35V
1nF
SCL
SDA
RESET
VCC
RESET
100nF
TW
EAPD
3V3
1uF 35V
100nF
100nF
1uF 35V
INTL
100nF
100nF
3V3
3V3
3R3
DDX3B
DDX3A
3R3
LRCKI
PWDN
3V3
OUT2B
XTI
BICKI
OUT2A
GND_SUB
1
SA
2
TEST_MODE
3
VSS
4
VCC_REG
5
OUT2B
6
GND2
7
VCC2
8
OUT2A
9
OUT1B
10
VCC1
11
GND1
12
OUT1A
13
GND_REG
14
VDD
15
CONFIG
16
DDX3B
17
DDX3A
18
EAPD/4B
19
TWARN/4A
20
VDD_DIG
21
GND_DIG
22
PWRDN
23
VDD_PLL
24
FILTER_PLL
25
PLL_GND
26
XTI
27
BICKI
28
LRCKI
29
SDI
30
RESET
31
INT_LINE
32
SDA
33
SCL
34
GND_DIG
35
VDD_DIG
36
OUT1B
DATA
PLL_FILT
OUT1A
10K
100nF
1000uF 35V
1nF
SCL
SDA
RESET
VCC
RESET
100nF
100nF
OUT2A
GND_SUB
1
SA
2
TEST_MODE
3
VSS
4
VCC_REG
5
OUT2B
6
GND2
7
VCC2
8
OUT2A
9
OUT1B
10
VCC1
11
GND1
12
OUT1A
13
GND_REG
14
VDD
15
CONFIG
16
DDX3B
17
DDX3A
18
EAPD/4B
19
TWARN/4A
20
VDD_DIG
21
GND_DIG
22
PWRDN
23
VDD_PLL
24
FILTER_PLL
25
PLL_GND
26
XTI
27
BICKI
28
LRCKI
29
SDI
30
RESET
31
INT_LINE
32
SDA
33
SCL
34
GND_DIG
35
VDD_DIG
36
OUT1B
DATA
PLL_FILT
OUT1A
10K
BEAD
BEAD
BEAD
PLL_GND
GND_DIG
GND_DIG
GND_DIG
GND_DIG
100pF
FILTER_PLL
680pF
4.7nF
2K2
100pF
FILTER_PLL
680pF
4.7nF
2K2
BEAD
PLL_GND
GND_DIG
100pF
FILTER_PLL
680pF
4.7nF
2K2
100pF
FILTER_PLL
680pF
4.7nF
2K2
BEAD
BEAD
PLL_GND
GND_DIG
Component leads
must be kept as
short as possible
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com