Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN7004SLH Datasheet(PDF) 27 Page - STMicroelectronics

Part # VN7004SLH
Description  High-side driver with CurrentSense analog feedback for automotive seat heating systems
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN7004SLH Datasheet(HTML) 27 Page - STMicroelectronics

Back Button VN7004SLH Datasheet HTML 23Page - STMicroelectronics VN7004SLH Datasheet HTML 24Page - STMicroelectronics VN7004SLH Datasheet HTML 25Page - STMicroelectronics VN7004SLH Datasheet HTML 26Page - STMicroelectronics VN7004SLH Datasheet HTML 27Page - STMicroelectronics VN7004SLH Datasheet HTML 28Page - STMicroelectronics VN7004SLH Datasheet HTML 29Page - STMicroelectronics VN7004SLH Datasheet HTML 30Page - STMicroelectronics VN7004SLH Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 35 page
background image
Table 16. Octapak mechanical data
Symbol
Millimeters
Min.
Typ.
Max.
A
2.20
2.30
2.40
A1
0.90
1.00
1.10
A2
0.03
0.15
b
0.38
0.45
0.52
b1
0.70
b4
5.20
5.30
5.40
c
0.45
0.50
0.60
c2
0.75
0.80
0.90
D
6.00
6.10
6.20
D1
5.15
E
6.40
6.50
6.60
E1
5.30
e
0.85 BSC
e1
1.60
1.70
1.80
e2
3.30
3.40
3.50
e3
5.00
5.10
5.20
H
9.35
9.70
10.10
L
1.00
—
(L1)
2.80
L2
0.80
L3
0.85
R
0.40 BSC
V2
0°
8°
VN7004SLH
Octapak package information
DS13681 - Rev 2
page 27/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com