Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN7004SLH Datasheet(PDF) 28 Page - STMicroelectronics

Part # VN7004SLH
Description  High-side driver with CurrentSense analog feedback for automotive seat heating systems
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN7004SLH Datasheet(HTML) 28 Page - STMicroelectronics

Back Button VN7004SLH Datasheet HTML 24Page - STMicroelectronics VN7004SLH Datasheet HTML 25Page - STMicroelectronics VN7004SLH Datasheet HTML 26Page - STMicroelectronics VN7004SLH Datasheet HTML 27Page - STMicroelectronics VN7004SLH Datasheet HTML 28Page - STMicroelectronics VN7004SLH Datasheet HTML 29Page - STMicroelectronics VN7004SLH Datasheet HTML 30Page - STMicroelectronics VN7004SLH Datasheet HTML 31Page - STMicroelectronics VN7004SLH Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 35 page
background image
6.2
Octapak packing information
Figure 40. Octapack reel 13"
Access Hole at
Slot Location
( 40 mm min.)
If present,
tape slot in core
for tape start:
2.5 mm min. width x
10.0 mm min. depth
C
N
W2
W1
D
A
B
TAPG2004151655CFT
Table 17. Reel dimensions
Description
Value(1)
Base quantity
2500
Bulk quantity
2500
A (max)
330
B (min)
1.5
C (+0.5, -0.2)
13
D
20.2
N
100
W1 (+2 /-0)
16.4
W2 (max)
22.4
1. All dimensions are in mm.
VN7004SLH
Octapak packing information
DS13681 - Rev 2
page 28/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com