Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SGSF324 Datasheet(PDF) 1 Page - STMicroelectronics

Part # SGSF324
Description  HIGH VOLTAGE FASTSWITCHING NPN POWER TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SGSF324 Datasheet(HTML) 1 Page - STMicroelectronics

  SGSF324 Datasheet HTML 1Page - STMicroelectronics SGSF324 Datasheet HTML 2Page - STMicroelectronics SGSF324 Datasheet HTML 3Page - STMicroelectronics SGSF324 Datasheet HTML 4Page - STMicroelectronics SGSF324 Datasheet HTML 5Page - STMicroelectronics SGSF324 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SGSF324
HIGH VOLTAGE FASTSWITCHING NPN
POWER TRANSISTOR
s
SGS-THOMSON PREFERRED SALESTYPE
s
NPN TRANSISTOR
s
HIGH VOLTAGE CAPABILITY
s
VERY HIGH SWITCHING SPEED
APPLICATIONS:
s
SWITCH MODE POWER SUPPLIES
DESCRIPTION
The
SGSF324
is
manufactured
using
Multiepitaxial Mesa technology for cost-effective
high performance and uses a Hollow Emitter
structure to enhance switching speeds.
The SGSF series is designed for high speed
switching applications such as power supplies
and horizontal deflection circuits in TVs and
monitors.
INTERNAL SCHEMATIC DIAGRAM
September 1997
ABSOLUTE MAXIMUM RATINGS
Symb ol
Parameter
Valu e
Un it
VCES
Collect or-Emitter Volt age (VBE = 0)
1200
V
VCEO
Collect or-Emitter Volt age (IB = 0)
600
V
VEBO
Emitter-Base Volt age (IC =0)
7
V
IC
Collect or Current
4
A
ICM
Collect or Peak Current (tp <5 ms)
8
A
IB
Base Current
3
A
IBM
Base Peak Current (tp <5 ms)
6
A
Ptot
T otal Dissipation at Tc =25
oC70
W
Tstg
Storage Temperature
-65 to 150
oC
Tj
Max. Operating Junction T emperature
150
oC
1
2
3
TO-220
1/6


Similar Part No. - SGSF324

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SGSF313 STMICROELECTRONICS-SGSF313 Datasheet
231Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS
logo
Inchange Semiconductor ...
SGSF313 ISC-SGSF313 Datasheet
115Kb / 2P
isc Silicon NPN Power Transistor
logo
STMicroelectronics
SGSF313PI STMICROELECTRONICS-SGSF313PI Datasheet
231Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS
logo
Inchange Semiconductor ...
SGSF313PI ISC-SGSF313PI Datasheet
108Kb / 2P
isc Silicon NPN Power Transistor
logo
STMicroelectronics
SGSF344 STMICROELECTRONICS-SGSF344 Datasheet
188Kb / 5P
HIGH VOLTAGE FASTSWITCHING NPN POWER TRANSISTOR
Jun-1997
More results

Similar Description - SGSF324

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUX84S PHILIPS-BUX84S Datasheet
29Kb / 4P
NPN high voltage Power transistor
February 1999 Rev 1.000
logo
STMicroelectronics
BUH517 STMICROELECTRONICS-BUH517 Datasheet
158Kb / 5P
CRT HORIZONTAL DEFLECTION HIGH VOLTAGE NPN FASTSWITCHING TRANSISTOR
Feb 1991
logo
Micro Electronics
BU508D MICRO-ELECTRONICS-BU508D Datasheet
96Kb / 8P
HIGH VOLTAGE FASTSWITCHING NPN POWER TRANSISTOR
logo
STMicroelectronics
SGSF344 STMICROELECTRONICS-SGSF344 Datasheet
188Kb / 5P
HIGH VOLTAGE FASTSWITCHING NPN POWER TRANSISTOR
Jun-1997
BUH313 STMICROELECTRONICS-BUH313 Datasheet
90Kb / 7P
HIGH VOLTAGE FASTSWITCHING NPN POWER TRANSISTOR
Jun-1996
BUX98APW STMICROELECTRONICS-BUX98APW Datasheet
46Kb / 4P
HIGH VOLTAGE NPN POWER TRANSISTOR
Feb-2002
STD616A STMICROELECTRONICS-STD616A_03 Datasheet
122Kb / 6P
HIGH VOLTAGE NPN POWER TRANSISTOR
Jun-2003
STX616 STMICROELECTRONICS-STX616 Datasheet
111Kb / 8P
High voltage NPN power transistor
22-Oct-2007
BUH513 STMICROELECTRONICS-BUH513 Datasheet
100Kb / 7P
HIGH VOLTAGE FASTSWITCHING NPN POWER TRANSISTOR
Jun-1996
logo
Inchange Semiconductor ...
ISB3026 ISC-ISB3026 Datasheet
277Kb / 2P
High Voltage NPN Power Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com