Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB85RS16 Datasheet(PDF) 23 Page - RAMXEED LIMITED

Part # MB85RS16
Description  16 K (2 K X 8) Bit SPI
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85RS16 Datasheet(HTML) 23 Page - RAMXEED LIMITED

Back Button MB85RS16 Datasheet HTML 19Page - RAMXEED LIMITED MB85RS16 Datasheet HTML 20Page - RAMXEED LIMITED MB85RS16 Datasheet HTML 21Page - RAMXEED LIMITED MB85RS16 Datasheet HTML 22Page - RAMXEED LIMITED MB85RS16 Datasheet HTML 23Page - RAMXEED LIMITED MB85RS16 Datasheet HTML 24Page - RAMXEED LIMITED MB85RS16 Datasheet HTML 25Page - RAMXEED LIMITED MB85RS16 Datasheet HTML 26Page - RAMXEED LIMITED MB85RS16 Datasheet HTML 27Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
MB85RS16
DS501-00014-9v2-E
23
PACKING INFORMATION
1. Tube (MB85RS16PNF-G-JNE1)
1.1 Tube Dimensions
• Tube/stopper shape
Tube cross-sections and Maximum quantity
•
Direction of index in tube
MB85RS16PNF-G-JNE1
Maximum quantity
pcs/tube pcs/inner box pcs/outer box
No heat resistance
Package should not be baked by using tube.
95
7600
30400
(
Dimensions in mm)
Stopper
Tube
7.7
Index mark
Tube length: 520 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com