Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESD321 Datasheet(PDF) 2 Page - Texas Instruments

Part # ESD321
Description  ESD321 1-Channel 30kV ESD Protection Diode with Low Capacitance (< 1pF) in 0402 and SOD-523 Packages
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ESD321 Datasheet(HTML) 2 Page - Texas Instruments

  ESD321 Datasheet HTML 1Page - Texas Instruments ESD321 Datasheet HTML 2Page - Texas Instruments ESD321 Datasheet HTML 3Page - Texas Instruments ESD321 Datasheet HTML 4Page - Texas Instruments ESD321 Datasheet HTML 5Page - Texas Instruments ESD321 Datasheet HTML 6Page - Texas Instruments ESD321 Datasheet HTML 7Page - Texas Instruments ESD321 Datasheet HTML 8Page - Texas Instruments ESD321 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Pin Configuration and Functions...................................3
5 Specifications.................................................................. 4
5.1 Absolute Maximum Ratings........................................ 4
5.2 ESD Ratings – JEDEC Specifications........................ 4
5.3 ESD Ratings – IEC Specifications.............................. 4
5.4 Recommended Operating Conditions.........................4
5.5 Thermal Information....................................................4
5.6 Electrical Characteristics.............................................5
5.7 Typical Characteristics................................................ 6
6 Detailed Description........................................................8
6.1 Overview..................................................................... 8
6.2 Functional Block Diagram........................................... 8
6.3 Feature Description.....................................................8
6.4 Device Functional Modes............................................8
7 Application and Implementation.................................... 9
7.1 Application Information............................................... 9
7.2 Typical Application...................................................... 9
7.3 Power Supply Recommendations.............................10
7.4 Layout....................................................................... 10
8 Device and Documentation Support............................12
8.1 Documentation Support............................................ 12
8.2 Receiving Notification of Documentation Updates....12
8.3 Support Resources................................................... 12
8.4 Trademarks...............................................................12
8.5 Electrostatic Discharge Caution................................12
8.6 Glossary....................................................................12
9 Revision History............................................................ 12
10 Mechanical, Packaging, and Orderable
Information.................................................................... 13
ESD321
SLVSEN8C – JULY 2018 – REVISED JUNE 2025
www.ti.com
2
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: ESD321



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com