Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESD321 Datasheet (PDF) - Texas Instruments

ESD321 Datasheet PDF - Texas Instruments
Part # ESD321
Download  ESD321 Download
File Size   1605.74 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ESD321 1-Channel 30kV ESD Protection Diode with Low Capacitance (< 1pF) in 0402 and SOD-523 Packages

ESD321 Datasheet (PDF)

Go To PDF Page Download Datasheet
ESD321 Datasheet PDF - Texas Instruments

Part # ESD321
Download  ESD321 Click to download

File Size   1605.74 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ESD321 1-Channel 30kV ESD Protection Diode with Low Capacitance (< 1pF) in 0402 and SOD-523 Packages

ESD321 Datasheet (HTML) - Texas Instruments


ESD321 Product details

1 Features
• IEC 61000-4-2 Level 4 ESD protection:
– ±30kV contact discharge
– ±30kV air gap discharge
• IEC 61000-4-4 EFT protection:
– 80A (5/50ns)
• IEC 61000-4-5 surge protection:
– 6A (8/20μs)
• IO capacitance: 0.9pF (typical)
• DC breakdown voltage: 4.5V (minimum)
• Low leakage current: 0.1nA (typical)
• Extremely Low ESD clamping voltage:
– 6.8V at 16A TLP (I/O to GND)
– RDYN: 0.13Ω (I/O to GND)
• Industrial temperature range: –40°C to +125°C
• Industry standard 0402 (DFN1006P2) and
SOD-523 packages

2 Applications
• End equipment:
– Wearables
– Industrial and service robots
– Laptops and desktops
– Mobile and tablets
– Set-top boxes
– DVR and NVR
– TV and monitors
– EPOS (electronic point of sale)
• Interfaces:
– USB 2.0/1.1
– GPIO
– Ethernet 10/100/1000 Mbps
– Pushbuttons
– Audio

3 Description
The ESD321 is a uni-directional TVS ESD protection
diode featuring low dynamic resistance and low
clamping voltage. The ESD321 is rated to dissipate
ESD strikes up to ±30kV per the IEC 61000-4-2
international standard (greater than Level 4).
The ultra-low dynamic resistance (0.13Ω) and
extremely low clamping voltage (6.8V at 16A TLP)
ensure system level protection against transient
events. This device has a low capacitance of
0.9pF IO capacitance making it suitable for
protecting interfaces such as USB 2.0 and Ethernet
10/100/1000Mbps.
The ESD321 is offered in the industry standard 0402
(DPY/DFN1006P2) and SOD-523 (DYA) packages.




Similar Part No. - ESD321

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ESD321 TI1-ESD321 Datasheet
331Kb / 16P
1-Channel 30 kV ESD Protection Diode with Low Capacitance (< 1pF) in 0402 Package
ESD321 TI-ESD321 Datasheet
1Mb / 25P
ESD321 1-Channel 30 kV ESD Protection Diode with Low Capacitance (< 1 pF) in 0402 and SOD-523 Packages
REVISED DECEMBER 2022
ESD321DPYR TI1-ESD321DPYR Datasheet
331Kb / 16P
1-Channel 30 kV ESD Protection Diode with Low Capacitance (< 1pF) in 0402 Package
ESD321DPYR TI-ESD321DPYR Datasheet
1Mb / 25P
ESD321 1-Channel 30 kV ESD Protection Diode with Low Capacitance (< 1 pF) in 0402 and SOD-523 Packages
REVISED DECEMBER 2022
logo
TECH PUBLIC Electronics...
ESD321DPYR-TP TECHPUBLIC-ESD321DPYR-TP Datasheet
2Mb / 4P
1-Line Uni-directional ESD DIODE
More results


Similar Description - ESD321

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VESD01-02V VISHAY-VESD01-02V_10 Datasheet
63Kb / 5P
Single ESD-Protection Diode in SOD-523
08-Nov-10
VESD05A1B-02V VISHAY-VESD05A1B-02V Datasheet
63Kb / 4P
Single ESD-Protection Diode in SOD-523
08-Nov-10
VESD05A1B-02V-GS08 VISHAY-VESD05A1B-02V-GS08 Datasheet
63Kb / 4P
Single ESD-Protection Diode in SOD-523
08-Nov-10
VESDXX-02V VISHAY-VESDXX-02V Datasheet
84Kb / 5P
Single ESD-Protection Diode in SOD-523
20-Jun-12
logo
Texas Instruments
ESD321 TI1-ESD321 Datasheet
331Kb / 16P
1-Channel 30 kV ESD Protection Diode with Low Capacitance (< 1pF) in 0402 Package
logo
Vishay Siliconix
VBUS05M1-02V VISHAY-VBUS05M1-02V Datasheet
107Kb / 6P
Low Capacitance Single Line ESD-Protection Diode in SOD-523
02-Dec-2020
VESD05B1-02V VISHAY-VESD05B1-02V Datasheet
112Kb / 6P
Single ESD-Protection Diode in SOD-523
05-Aug-2020
VESD05A1-02V VISHAY-VESD05A1-02V_V01 Datasheet
107Kb / 6P
Single ESD-Protection Diode in SOD-523
23-Sep-2019
VBUS05M1-02V VISHAY-VBUS05M1-02V_V01 Datasheet
106Kb / 6P
Low Capacitance Single Line ESD-Protection Diode in SOD-523
02-Dec-2020
logo
Texas Instruments
ESD321 TI-ESD321_V01 Datasheet
1Mb / 25P
ESD321 1-Channel 30 kV ESD Protection Diode with Low Capacitance (< 1 pF) in 0402 and SOD-523 Packages
REVISED DECEMBER 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com