Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JRR200-ROUTE-REFLECTOR Datasheet(PDF) 4 Page - Juniper Networks, Inc.

Part # JRR200-ROUTE-REFLECTOR
Description  JRR200 ROUTE REFLECTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUNIPER [Juniper Networks, Inc.]
Direct Link  https://www.juniper.net/us/en.html
Logo JUNIPER - Juniper Networks, Inc.

JRR200-ROUTE-REFLECTOR Datasheet(HTML) 4 Page - Juniper Networks, Inc.

  JRR200-ROUTE-REFLECTOR Datasheet HTML 1Page - Juniper Networks, Inc. JRR200-ROUTE-REFLECTOR Datasheet HTML 2Page - Juniper Networks, Inc. JRR200-ROUTE-REFLECTOR Datasheet HTML 3Page - Juniper Networks, Inc. JRR200-ROUTE-REFLECTOR Datasheet HTML 4Page - Juniper Networks, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
Corporate and Sales Headquarters
Juniper Networks, Inc.
1133 Innovation Way
Sunnyvale, CA 94089 USA
Phone: 888.JUNIPER (888.586.4737)
or +1.408.745.2000
www.juniper.net
Copyright 2019 Juniper Networks, Inc. All rights reserved. Juniper Networks, the Juniper Networks logo, Juniper, and Junos are registered trademarks of Juniper Networks, Inc. in the
United States and other countries. All other trademarks, service marks, registered marks, or registered service marks are the property of their respective owners. Juniper Networks
assumes no responsibility for any inaccuracies in this document. Juniper Networks reserves the right to change, modify, transfer, or otherwise revise this publication without notice.
APAC and EMEA Headquarters
Juniper Networks International B.V.
Boeing Avenue 240
1119 PZ Schiphol-Rijk
Amsterdam, The Netherlands
Phone: +31.0.207.125.700
1000642-002-EN Oct 2019
EXPLORE JUNIPER
Get the App.
JRR200 Route Reflector
JRR200 Specifications
• Physical dimensions (HxWxD): 1.7x17.48x25 in
(4.31x44.39x63.50 cm)
• Airflow: Front to back
• Weight:
-
29 lb (13.15 kg) with two AC power supplies
-
28 lb (13.06 kg) with two DC power supplies
• Operating temperature: 32° to 104° F (0° to 40° C) at sea
level
• Number of fan trays: 4
• System mounting: Four-post rack mounting
• Rack units: 1
• Power: 2 x 650 W redundant AC-DC/DC-DC PSU
• CPU: Intel Xeon CPU E5-2640 v4@2.40GHz
• Memory: 64 GB RAM
• Storage: 240 GB with 1+1 RAID
Ordering Information
Product Number
Description
JRR200-AC
JRR200 base system hardware with 8x10GbE
ports, two AC power supply units, four fan trays,
and 64 GB memory (must order S-VRR-V-L
software to complete system)
JRR200-DC
JRR200 base system hardware with 8x10GbE
ports, two DC power supply units, four fan trays,
and 64 GB memory (must order S-VRR-V-L
software to complete system)
JRR200-CHAS
JRR200 chassis with Junos OS software included;
no power supply units and no fans
JPSU-650W-AC-AFO
Juniper 650 W AC power supply, port side-FRU
side flow
JPSU-650W-DC-AFO
Juniper 650 W DC power supply, port side-FRU
side flow
SRX4200-FAN
SRX4100/SRX4200 fan unit
S-VRR-V-L
Virtual route reflector software
Note: When ordering JRR200 through configurator, software
(S-VRR-V-L) purchase is mandatory.
About Juniper Networks
Juniper Networks brings simplicity to networking with
products, solutions and services that connect the world.
Through engineering innovation, we remove the constraints
and complexities of networking in the cloud era to solve the
toughest challenges our customers and partners face daily. At
Juniper Networks, we believe that the network is a resource for
sharing knowledge and human advancement that changes the
world. We are committed to imagining groundbreaking ways to
deliver automated, scalable and secure networks to move at the
speed of business.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com